전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LDO03C-005W05-VJ 데이터시트(PDF) 2 Page - Artesyn Technologies

부품명 LDO03C-005W05-VJ
상세설명  POWER 15 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARTESYN [Artesyn Technologies]
홈페이지  
Logo ARTESYN - Artesyn Technologies

LDO03C-005W05-VJ 데이터시트(HTML) 2 Page - Artesyn Technologies

  LDO03C-005W05-VJ_14 Datasheet HTML 1Page - Artesyn Technologies LDO03C-005W05-VJ_14 Datasheet HTML 2Page - Artesyn Technologies LDO03C-005W05-VJ_14 Datasheet HTML 3Page - Artesyn Technologies LDO03C-005W05-VJ_14 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LDO03C Series Data Sheet
LDO
03
C
00
5W
05
V
X
J
Environmental Specifications
Thermal performance:
Operating ambient
-40 °C to +85 °C
See Note 5
Non-operating ambient
-40 °C to +125 °C
Protection
Short-circuit:
Hiccup, non-latching
Overvoltage protection:
IEC68-2-6 to the levels of IEC721-3-2
Hiccup, non-latching
Recommended System Capacitance
Input:
See Note 6
0 μF
Output:
See Note 7
0 μF
Output Voltage Adjustment of the
LDO03C Series
The ultra-wide output voltage trim range offers major advantages to users
who select the LDO03C series. It is no longer necessary to purchase a
variety of modules in order to cover different output voltages. The output
voltage can be trimmed in a range of 0.59 - 5.1 Vdc. When the LDO03C
converter leaves the factory, the output has been adjusted to the default
voltage of 0.59 V.
Ordering Information
Model
Number (3,5)
Input
Voltage
Output
Voltage
Output Current
(Min.)
Output Current
(Max.)
Efficiency
(Typical)
Regulation
Line
Load
LDO03C-005W05-VJ
3 - 13.8 Vdc
0.59 - 5.1 V
0 A
3 A
90%
±0.2%
±0.5%
LDO03C-005W05-HJ
3 - 13.8 Vdc
0.59 - 5.1 V
0 A
3 A
90%
±0.2%
±0.5%
LDO03C-005W05-SJ
3 - 13.8 Vdc
0.59 - 5.1 V
0 A
3 A
90%
±0.2%
±0.5%
Notes:
1. Measured as per recommended system capacitance. See Technical Reference Note.
2. di/dt = 10 A/μs, Vin = Nom, Tc = 25 °C, load change = 0.50 lo to full lo and full lo to 0.50.
3. External input fusing is recommended.
4. Additional part numbers may be available with different output voltages.
5. Airflow dependent, 100 LFM minimum required.
6. No capacitors needed for ripple current stability.
7. No capacitors needed for stability.
8. TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please
consult your local sales representative for details.
9. NOTICE: Some models do not support all options. Please contact your local Artesyn Embedded
Technologies representative or use the on-line model number search tool at
http://www.Artesyn.com/power to find a suitable alternative.
Product Family
Product Family
LDO = LDO Series
Rated Output
Current
Rated Output
Current
03 = 3 Amp
Output Voltage
Output Voltage
05 = 0.59 - 5.1 V
Performance
Performance
C = Cost
Optimized
Number of Pins
Type of Output
Type of Output
5 W = 5 Pins and
Wide Output
Input Voltage
Input Voltage
00 = 3 - 13.8 V
RoHS Compliance
RoHS Compliance
J = Pb free (RoHS
6/6 compliant)
Mounting Option
Mounting Option
V = Vertical
H = Horizontal
S = Horizontal SMT
VS = Vertical SMT
Custom Option
Custom Option
Part Number System with Options



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com