전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DA7211 데이터시트(PDF) 11 Page - Dialog Semiconductor

부품명 DA7211
상세설명  Ultra-low power stereo codec
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7211 데이터시트(HTML) 11 Page - Dialog Semiconductor

Back Button DA7211 Datasheet HTML 7Page - Dialog Semiconductor DA7211 Datasheet HTML 8Page - Dialog Semiconductor DA7211 Datasheet HTML 9Page - Dialog Semiconductor DA7211 Datasheet HTML 10Page - Dialog Semiconductor DA7211 Datasheet HTML 11Page - Dialog Semiconductor DA7211 Datasheet HTML 12Page - Dialog Semiconductor DA7211 Datasheet HTML 13Page - Dialog Semiconductor DA7211 Datasheet HTML 14Page - Dialog Semiconductor DA7211 Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 105 page
background image
DA7211
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3e
15-Oct-2015
CFR0011-120-00 Rev 5
11 of 105
© 2015 Dialog Semiconductor
Pin no.
Pin name
Description
5E
DATOUT
I2S digital data output
5F
SK
Digital clock for 2-wire
4F
SI
2-wire input and open drain output
3E
CLK
Digital bit clock for I2S
3F
WCLK
Digital word clock for I2S
2F
VDDCP
Headphone charge pump supply
1F
HPCF1P
Head phone amp charge pump floating cap1 +ve
1E
HPCF1N
Head phone amp charge pump floating cap1
–ve
2E
GNDCP
Headphone and digital ground
1D
HPCF2P
Head phone amp charge pump floating cap2 +ve
2D
HPCF2N
Head phone amp charge pump floating cap2
–ve
1C
HPCSN
Head phone amp charge pump storage cap
–ve
2C
HPCSP
Head phone amp charge pump storage cap +ve
1B
HPL
Left head phone amp output
1A
HPR
Right head phone amp output
4E
GND
Ground bump
3A
DACREF
Decoupling capacitor for DAC
2A
OUT1P_R
Differential or single ended +ve line out right
4A
OUT1N_R
Differential
–ve line out right
2B
OUT1P_L
Differential or single ended +ve line out left
3B
OUT1N_L
Differential
–ve line out left
4B
ADCREF
Decoupling capacitor for ADC
5B
VMID
Decoupling capacitor for VMID
6A
VBG
Decoupling capacitor for VBG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com