전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DA7211 데이터시트(PDF) 13 Page - Dialog Semiconductor

부품명 DA7211
상세설명  Ultra-low power stereo codec
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALOG [Dialog Semiconductor]
홈페이지  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7211 데이터시트(HTML) 13 Page - Dialog Semiconductor

Back Button DA7211 Datasheet HTML 9Page - Dialog Semiconductor DA7211 Datasheet HTML 10Page - Dialog Semiconductor DA7211 Datasheet HTML 11Page - Dialog Semiconductor DA7211 Datasheet HTML 12Page - Dialog Semiconductor DA7211 Datasheet HTML 13Page - Dialog Semiconductor DA7211 Datasheet HTML 14Page - Dialog Semiconductor DA7211 Datasheet HTML 15Page - Dialog Semiconductor DA7211 Datasheet HTML 16Page - Dialog Semiconductor DA7211 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
DA7211
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3e
15-Oct-2015
CFR0011-120-00 Rev 5
13 of 105
© 2015 Dialog Semiconductor
4
Absolute maximum ratings
Table 2: Absolute maximum ratings
Parameter
Description
Conditions (Note 1)
Min
Max
Unit
Storage temperature
-40
+95
°C
Ta
Operating temperature
-40
+85
°C
AVDD
VDDCP
Power Supply Input
-0.3
2.75
V
Supply voltage all input pins
except power
-0.3
AVDD+
0.3
V
Maximum power dissipation
200
mW
Package thermal resistance
40
k/W
ESD susceptibility
Human body model
2
kV
Note 1
Stre
sses beyond those listed under ‘Absolute maximum ratings’ may cause permanent damage to the
device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
5
Recommended operating conditions
Table 3: Recommended operating conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
Operating temperature
-40
+85
°C
VDD
Supply voltage digital and
I/O
Min and max values can
accept +/-5% tolerances
1.2
2.5
V
AVDD
Supply voltage analogue
Min and max values can
accept +/-5% tolerances
1.8
2.5
V
VDDCP
Supply voltage headphone
Max value can accept +/-
5% tolerances
1.8
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com