| 전자부품 데이터시트 검색엔진 |
|
LM1086CS-2.85 데이터시트(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM1086CS-2.85 데이터시트(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 15 page ![]() Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Maximum Input-to-Output Voltage Differential LM1086-ADJ 29V LM1086-1.8 27V LM1086-2.5 27V LM1086-2.85 27V LM1086-3.3 27V LM1086-3.45 27V LM1086-5.0 25V Power Dissipation (Note 2) Internally Limited Junction Temperature (T J)(Note 3) 150˚C Storage Temperature Range -65˚C to 150˚C Lead Temperature 260˚C, to 10 sec ESD Tolerance (Note 4) 2000V Operating Ratings (Note 1) Junction Temperature Range (T J) (Note 3) "C" Grade Control Section 0˚C to 125˚C Output Section 0˚C to 150˚C "I" Grade Control Section −40˚C to 125˚C Output Section −40˚C to 150˚C Electrical Characteristics Typicals and limits appearing in normal type apply for T J = 25˚C. Limits appearing in Boldface type apply over the entire junc- tion temperature range for operation. Symbol Parameter Conditions Min (Note 6) Typ (Note 5) Max (Note 6) Units V REF Reference Voltage LM1086-ADJ I OUT = 10mA, VIN−VOUT =3V 10mA ≤I OUT ≤ I FULL LOAD, 1.5V ≤ V IN−VOUT ≤ 15V (Note 7) 1.238 1.225 1.250 1.250 1.262 1.270 V V V OUT Output Voltage (Note 7) LM1086-1.8 I OUT = 0mA, VIN =5V 0 ≤ I OUT ≤ I FULL LOAD, 3.3V ≤ V IN ≤ 18V 1.782 1.764 1.8 1.8 1.818 1.836 V LM1086-2.5 I OUT = 0mA, VIN =5V 0 ≤ I OUT ≤ I FULL LOAD, 4.0V ≤ V IN ≤ 18V 2.475 2.450 2.50 2.50 2.525 2.55 V LM1086-2.85 I OUT = 0mA, VIN =5V 0 ≤ I OUT ≤ I FULL LOAD, 4.35V ≤ V IN ≤ 18V 2.82 2.79 2.85 2.85 2.88 2.91 V V LM1086-3.3 I OUT = 0mA, VIN =5V 0 ≤ I OUT ≤ I FULL LOAD, 4.75V ≤ V IN ≤ 18V 3.267 3.235 3.300 3.300 3.333 3.365 V V LM1086-3.45 I OUT = 0mA, VIN =5V 0 ≤ I OUT ≤ I FULL LOAD, 4.95V ≤ V IN ≤ 18V 3.415 3.381 3.45 3.45 3.484 3.519 V V LM1086-5.0 I OUT = 0mA, VIN =8V 0 ≤ I OUT ≤ I FULL LOAD, 6.5V ≤ V IN ≤ 20V 4.950 4.900 5.000 5.000 5.050 5.100 V V ∆V OUT Line Regulation (Note 8) LM1086-ADJ I OUT =10mA, 1.5V ≤ (V IN-VOUT) ≤ 15V 0.015 0.035 0.2 0.2 % % LM1086-1.8 I OUT = 0mA, 3.3V ≤ V IN ≤ 18V 0.3 0.6 6 6 mV LM1086-2.5 I OUT = 0mA, 4.0V ≤ V IN ≤ 18V 0.3 0.6 6 6 mV www.national.com 4 |