전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1086CS-2.85 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM1086CS-2.85
상세설명  1.5A Low Dropout Positive Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1086CS-2.85 데이터시트(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1086CS-2.85 Datasheet HTML 2Page - National Semiconductor (TI) LM1086CS-2.85 Datasheet HTML 3Page - National Semiconductor (TI) LM1086CS-2.85 Datasheet HTML 4Page - National Semiconductor (TI) LM1086CS-2.85 Datasheet HTML 5Page - National Semiconductor (TI) LM1086CS-2.85 Datasheet HTML 6Page - National Semiconductor (TI) LM1086CS-2.85 Datasheet HTML 7Page - National Semiconductor (TI) LM1086CS-2.85 Datasheet HTML 8Page - National Semiconductor (TI) LM1086CS-2.85 Datasheet HTML 9Page - National Semiconductor (TI) LM1086CS-2.85 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Power dissipation is kept in a safe range by current limiting circuitry. Refer to Overload Recovery in Application Notes. The value
θJA for the LLP package
is specifically dependent on PCB trace area, trace material, and the number of thermal vias. For improved thermal resistance and power dissipation for the LLP
package, refer to Application Note AN-1187.
Note 3: The maximum power dissipation is a function of TJ(MAX) , θJA, and TA. The maximum allowable power dissipation at any ambient temperature
is PD =(TJ(MAX)–T A)/θJA. All numbers apply for packages soldered directly into a PC board. Refer to Thermal Considerations in the Application Notes.
Note 4: For testing purposes, ESD was applied using human body model, 1.5k
Ω in series with 100pF.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: IFULL LOAD is defined in the current limit curves. The IFULL LOAD Curve defines current limit as a function of input-to-output voltage. Note that 15W power
dissipation for the LM1086 is only achievable over a limited range of input-to-output voltage.
Note 8: Load and line regulation are measured at constant junction temperature, and are guaranteed up to the maximum power dissipation of 15W. Power
dissipation is determined by the input/output differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output
range.
Note 9: Dropout voltage is specified over the full output current range of the device.
Note 10: The minimum output current required to maintain regulation.
Typical Performance Characteristics
Dropout Voltage vs. Output Current
Short-Circuit Current vs. Input/Output Difference
10094863
10094837
Load Regulation vs. Temperature
Percent Change in Output Voltage vs. Temperature
10094838
10094899
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15