전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS80032 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS80032
상세설명  Fully Integrated Power Management With Power Path and Battery Charger
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS80032 데이터시트(HTML) 2 Page - Texas Instruments

  TPS80032 Datasheet HTML 1Page - Texas Instruments TPS80032 Datasheet HTML 2Page - Texas Instruments TPS80032 Datasheet HTML 3Page - Texas Instruments TPS80032 Datasheet HTML 4Page - Texas Instruments TPS80032 Datasheet HTML 5Page - Texas Instruments TPS80032 Datasheet HTML 6Page - Texas Instruments TPS80032 Datasheet HTML 7Page - Texas Instruments TPS80032 Datasheet HTML 8Page - Texas Instruments TPS80032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 127 page
background image
TPS80032
SWCS059I – MARCH 2011 – REVISED NOVEMBER 2014
www.ti.com
1.3
Description
The TPS80032 device is an integrated power-management integrated circuit (PMIC) for applications
powered by a rechargeable battery. The device provides five configurable step-down converters with up to
5.0-A current capability for memory, processor core, I/O, auxiliary, preregulation for LDOs, and so forth.
The device also contains nine LDO regulators for external use that can be supplied from a battery or a
preregulated supply. The power-up/power-down controller is configurable and can support any power-
up/power-down sequence (programmed in OTP memory). The RTC provides three 32-kHz clock outputs:
seconds, minutes, hours, day, month, and year information; as well as alarm wakeup and timer. The
TPS80032 device supports 32-kHz clock generation based on a crystal oscillator.
The device integrates a switched-mode system supply regulator from a USB connector. The device
includes power paths from the USB and battery with supplemental mode for immediate startup, even with
an empty battery. The battery switch uses an external low-ohmic PMOS transistor allowing minimal serial
resistance during fast charging and when operating from battery. The device can also be used without the
external PMOS transistor; the battery is then always tied to the system supply and the switched-mode
regulator is used for battery charging.
The TPS80032 device is available in a 155-pin WCSP package, 5.21 mm × 5.36 mm with a 0.4-mm ball
pitch.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TPS80032
YFF (155)
5.21 mm × 5.36 mm
(1)
For more information, see Section 8, Mechanical Packaging and Orderable Information.
2
Device Overview
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS80032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com