전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS80032 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 TPS80032
상세설명  Fully Integrated Power Management With Power Path and Battery Charger
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS80032 데이터시트(HTML) 21 Page - Texas Instruments

Back Button TPS80032 Datasheet HTML 17Page - Texas Instruments TPS80032 Datasheet HTML 18Page - Texas Instruments TPS80032 Datasheet HTML 19Page - Texas Instruments TPS80032 Datasheet HTML 20Page - Texas Instruments TPS80032 Datasheet HTML 21Page - Texas Instruments TPS80032 Datasheet HTML 22Page - Texas Instruments TPS80032 Datasheet HTML 23Page - Texas Instruments TPS80032 Datasheet HTML 24Page - Texas Instruments TPS80032 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
TPS80032
www.ti.com
SWCS059I – MARCH 2011 – REVISED NOVEMBER 2014
Table 4-4. LDO Regulators Electrical Characteristics (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.0 V, _IN
≥ 2.5 V
1.001
1.018
1.030
1.0 V, _IN < 2.5 V
0.987
1.018
1.030
1.2 V, _IN
≥ 2.5 V
1.202
1.222
1.236
1.2 V, _IN < 2.5 V
1.185
1.222
1.236
1.3 V, _IN
≥ 2.5 V
1.301
1.323
1.339
Total DC output voltage
1.3 V, _IN < 2.5 V
1.283
1.323
1.339
accuracy
1.8 V
1.801
1.832
1.854
Includes voltage references, DC 1.9 V
1.902
1.934
1.957
load/line regulations, process
2.0 V
2.002
2.036
2.060
and temperature
2.1 V
2.102
2.138
2.163
V
(–1.7%/1.2%), _IN
≥ 2.5 V
2.2 V
2.203
2.240
2.266
(–3.0%/1.2%), _IN < 2.5 V and
2.3 V
2.302
2.341
2.369
TDCOV
VOUT < 1.5 V
2.4 V
2.402
2.443
2.472
(except VRTC, VBRTC and
2.5 V
2.503
2.545
2.575
VANA)
2.75 V
2.753
2.800
2.834
2.8 V
2.802
2.850
2.884
2.9 V
2.903
2.952
2.987
3.0 V
3.003
3.054
3.090
3.3 V
3.304
3.359
3.399
3.3 V (LDOUSB)
3.245
3.301
3.341
VBRTC
1.550
1.805
1.854
VRTC
1.801
1.832
1.890
V
VANA
2.102
2.138
2.163
LDO6, LDOLN: IOUT = IOUTmax
150
LDO5, LDO7: IOUT = 50 mA
140
Dropout voltage
LDOUSB
200
_IN
≥ 2.3 V
LDO1, LDO2, LDO3, LDO4, LDO5, LDO7, VRTC:
DV
mV
300
VINPmin = TDCOV + DV
LDO6, LDOLN: IOUT = IOUTmax
250
Dropout voltage
LDO1, LDO2, LDO3, LDO4, LDO5, LDO7: VINPmin =
_IN
≥ 1.8 V
400
TDCOV + DV
VBRTC
1.5
VANA, VRTC
25
LDOLN
50
LDO1: VOUT ≤ 2.75 V
50
IOUT
Rated output current
mA
LDO1: VOUT ≥ 2.8 V
80
LDOUSB
100
LDO2, LDO3, LDO4, LDO5, LDO6, LDO7
200
LDO6 (DV = 300 mV, VOUT ≥ 1.8 V)
250
Range
1.0
3.3
V
Output voltage, programmable
VOUT
(except VRTC, VBRTC and
Step size
100
mV
VANA)
Additional selectable voltage level
2.75
V
VANA, VRTC, LDO1, LDOLN
100
250
400
ILIMIT
Load current limitation
LDOUSB
150
250
600
mA
LDO2, LDO3, LDO4, LDO5, LDO6, LDO7
400
650
900
DC load regulation,
∆VOUT /
DCLDR
IOUT = 0 to IOUTmax
4
10
mV
VOUT
DC line regulation,
∆VOUT /
VIN = VINPmin to VINPmax
DCLNR
0.1 %
0.2 %
VOUT
IOUT = IOUTmax
tON
Turn-on time
IOUT = 0 , VOUT = 0.1 V up to VOUTmin
100
500
µs
Turn-off time (except VRTC and
tOFF
IOUT = 0, VOUT down to 10% x VOUT
250
500
µs
VBRTC)
Pulldown resistor (except VRTC
RPD
Off mode
40
60
80
Ω
and VBRTC)
Copyright © 2011–2014, Texas Instruments Incorporated
Specifications
21
Submit Documentation Feedback
Product Folder Links: TPS80032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com