| 전자부품 데이터시트 검색엔진 |
|
M54HC165 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC165 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 12 page ![]() M54HC165 4/12 ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied RECOMMENDED OPERATING CONDITIONS Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC +0.5 V VO DC Output Voltage -0.5 to VCC +0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA PD Power Dissipation 300 mW Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 265 °C Symbol Parameter Value Unit VCC Supply Voltage 2to 6 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C tr,tf Input Rise and Fall Time VCC =2.0V 0 to 1000 ns VCC =4.5V 0 to 500 ns VCC =6.0V 0 to 400 ns |