| 전자부품 데이터시트 검색엔진 |
|
TMP320LC2401AVFS 데이터시트(PDF) 85 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320LC2401AVFS 데이터시트(HTML) 85 Page - Texas Instruments |
|
85 / 134 page ![]() TMS320LF2407A, TMS320LF2406A, TMS320LF2403A, TMS320LF2402A TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A DSP CONTROLLERS SPRS145K − JULY 2000 − REVISED AUGUST 2005 85 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 LPM2 wakeup timing switching characteristics over recommended operating conditions (see Figure 33) PARAMETER MIN MAX UNIT t () Delay time, PDPINTA low to PWM if bit 6 of SCSR2 = 0 (6 + 1)tc(CO) + 12† ns td(PDP-PWM)HZ Delay time, PDPINTA low to PWM high-impedance state if bit 6 of SCSR2 = 1 (12+ 1)tc(CO) + 12† ns td(INT) Delay time, INT low/high to interrupt-vector fetch 10tc(CO) + tw(PDP−WAKE) ns † Includes i/p qualifier cycles plus synchronization plus propagation delay timing requirements (see Figure 33) MIN MAX UNIT t ‡ Pulse duration PDPINTA input low if bit 6 of SCSR2 = 0 6tc(CO) ns tw(PDP−WAKE)‡ Pulse duration, PDPINTA input low if bit 6 of SCSR2 = 1 12tc(CO) ns tp PLL lock-up time 4096tc(CI) cycles ‡ This is different from 240x devices. PWM PDPINTx CLKOUT‡ tw(PDP−WAKE) td(PDP-PWM)HZ CPU Status Interrupt Vector§ or Next Instruction¶ td(INT) XTAL1 Oscillator Disabled CLKIN tp tOSC† CPU IDLE State (LPM2) † tOSC is the oscillator start-up time. ‡ CLKOUT frequency after LPM2 wakeup will be the same as that upon entering LPM2 (x4 shown as an example). § PDPINTx interrupt vector, if PDPINTx interrupt is enabled. ¶ If PDPINTx interrupt is disabled. Figure 33. LPM2 Wakeup Using PDPINTx |