| 전자부품 데이터시트 검색엔진 |
|
TMP320LC2401AVFS 데이터시트(PDF) 89 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320LC2401AVFS 데이터시트(HTML) 89 Page - Texas Instruments |
|
89 / 134 page ![]() TMS320LF2407A, TMS320LF2406A, TMS320LF2403A, TMS320LF2402A TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A DSP CONTROLLERS SPRS145K − JULY 2000 − REVISED AUGUST 2005 89 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 interrupt timing INT refers to XINT1 and XINT2. PDP refers to PDPINTx. switching characteristics over recommended operating conditions (see Figure 38) PARAMETER MIN MAX UNIT t () Delay time, PDPINTA low to PWM if bit 6 of SCSR2 = 0 (6 + 1)tc(CO) + 12† ns td(PDP-PWM)HZ Delay time, PDPINTA low to PWM high-impedance state if bit 6 of SCSR2 = 1 (12+ 1)tc(CO) + 12† ns td(INT) Delay time, INT low/high to interrupt-vector fetch 10tc(CO) + tW (INT) ns † Includes i/p qualifier cycles plus synchronization plus propagation delay timing requirements (see Figure 38) MIN MAX UNIT t † Pulse duration INT input low/high if bit 6 of SCSR2 = 0 6tc(CO) ns tw(INT)† Pulse duration, INT input low/high if bit 6 of SCSR2 = 1 12tc(CO) ns t † Pulse duration PDPINTx input low if bit 6 of SCSR2 = 0 6tc(CO) ns tw(PDP)† Pulse duration, PDPINTx input low if bit 6 of SCSR2 = 1 12tc(CO) ns † This is different from 240x devices. PWM† PDPINTx CLKOUT tw(PDP) td(PDP-PWM)HZ XINT1, XINT2 tw(INT) Interrupt Vector td(INT) † PWM refers to all the PWM pins in the device (i.e., PWMn and TnPWM pins). The state of the PWM pins after PDPINTx is taken high depends on the state of the FCOMPOE bit. A0−A15 Figure 38. External Interrupts Timing |