전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMD27253M 데이터시트(PDF) 39 Page - ams AG

부품명 TMD27253M
상세설명  The device features advanced proximity measurement
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

TMD27253M 데이터시트(HTML) 39 Page - ams AG

Back Button TMD27253M Datasheet HTML 35Page - ams AG TMD27253M Datasheet HTML 36Page - ams AG TMD27253M Datasheet HTML 37Page - ams AG TMD27253M Datasheet HTML 38Page - ams AG TMD27253M Datasheet HTML 39Page - ams AG TMD27253M Datasheet HTML 40Page - ams AG TMD27253M Datasheet HTML 41Page - ams AG TMD27253M Datasheet HTML 42Page - ams AG TMD27253M Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
ams Datasheet
Page 39
[v1-11] 2016-Sep-20
Document Feedback
TMD2725 − Package Drawings & Markings
Figure 55:
Package Drawings
Note(s):
1. All linear dimensions are in millimeters.
2. Contact finish is Au.
3. This package contains no lead (Pb).
4. This drawing is subject to change without notice.
Package Drawings & Markings
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50