전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST92185B 데이터시트(PDF) 108 Page - STMicroelectronics

부품명 ST92185B
상세설명  16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92185B 데이터시트(HTML) 108 Page - STMicroelectronics

Back Button ST92185B Datasheet HTML 104Page - STMicroelectronics ST92185B Datasheet HTML 105Page - STMicroelectronics ST92185B Datasheet HTML 106Page - STMicroelectronics ST92185B Datasheet HTML 107Page - STMicroelectronics ST92185B Datasheet HTML 108Page - STMicroelectronics ST92185B Datasheet HTML 109Page - STMicroelectronics ST92185B Datasheet HTML 110Page - STMicroelectronics ST92185B Datasheet HTML 111Page - STMicroelectronics ST92185B Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 178 page
background image
108/178
ST92185B - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.4.9 Example of using Underline Attribute
In parallel mode, the Underline mode on character
can be obtained simply by setting the bit 1 ‘US’ of
the shape attribute. To underline double height
characters, set the US bit on the attribute associat-
ed with the lower part of the character.
The underline attribute is ignored in the upper half-
character.
Figure 67. Underline Example
Double height
2 ROWS
DH
UH=1
DH
UH=0
Display
Attribute
location
Character
location
U
U
L
L
U L
DH
UH=1
DH
UH=0
Underline (US=1)
VR02115K
Underline (US=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More