전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS1100SDC 데이터시트(PDF) 6 Page - Artesyn Technologies

부품명 DS1100SDC
상세설명  Distributed Power System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARTESYN [Artesyn Technologies]
홈페이지  
Logo ARTESYN - Artesyn Technologies

DS1100SDC 데이터시트(HTML) 6 Page - Artesyn Technologies

  DS1100SDC Datasheet HTML 1Page - Artesyn Technologies DS1100SDC Datasheet HTML 2Page - Artesyn Technologies DS1100SDC Datasheet HTML 3Page - Artesyn Technologies DS1100SDC Datasheet HTML 4Page - Artesyn Technologies DS1100SDC Datasheet HTML 5Page - Artesyn Technologies DS1100SDC Datasheet HTML 6Page - Artesyn Technologies DS1100SDC Datasheet HTML 7Page - Artesyn Technologies DS1100SDC Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DS1100SDC Data Sheet
Control and Status Signals
Output Signals
PS_PRESENT_L
Signal used to indicate to the system that a power supply is inserted in the power bay. This pin is shorted to the standby return in the power supply.
Recommended pull-up resistor to 12 VSB is 8.2 k with a 3.0 k pull-down to ground. A 100 pF decoupling capacitor is also recommended.
PS_INTERRUPT_L
Active low signal used by the power supply to indicate to the system that a change in power supply status has occurred. This event can be
triggered by faults such as OVP, OCP, OTP, and fan fault. This signal can be cleared by a CLEAR_FAULT command. Recommended pull-up resis-
tor to 12 VSB is 8.2 k with a 3.0 k pull-down to ground. A 100 pF decoupling capacitor is also recommended.
MIN
MAX
V
IL
Input logic level LOW
0.8 V
V
IH
Input logic level HIGH
2.0 V
5.0 V
I
SOURCE
Current that may be sourced by this pin
4 mA
I
SINK
Current that may be sunk by this pin at low state
4 mA
BUS Signals
ISHARE
Bus signal used by the power supply for active current sharing. All power supplies configured in the system for n+n sharing will refer to this bus
voltage inorder to load share.
Voltage Range
The range of this signal for active sharing will be up to 8.0 V, which corresponds to the maximum output current.
MIN
MAX
I
SHARE Voltage
Input logic level LOW
7.75
8.25
Voltage at 50% load, stand-alone unit
3.85
4.15
Voltage at 0% load, stand-alone unit
0
0.3
I
SOURCE
Current that may be sourced by this pin
160 mA
SCL, SDA
Clock and data signals defined as per I2C requirements. It is recommended that these pins be pulled-up to a 2.2 kohm resistor to 3.3 V and a
100 pF decoupling capacitor at the system side.
VL
Input logic level LOW
0.8 V
VH
Input logic level HIGH
2.0 V
5.0 V
Note: All signal noise levels are below 400 mVpk-pk from 0 - 100 MHz.
I2C Addressing Table: Not applicable. This power supply has a fixed I2C address. In order to support multiple addresses, the system will have to
utilize a switcher or an I2C expander.
Ordering Information
Model Number
Nominal Main Output
Standby Output
Airflow Direction
DS1100SDC-3
12 V
12 V @ 3A
Std (forward)
DS1100SDC-3-001
12 V
12 V @ 3A
Reverse1
1
Derating may apply



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com