전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS1100SDC 데이터시트(PDF) 1 Page - Artesyn Technologies

부품명 DS1100SDC
상세설명  Distributed Power System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARTESYN [Artesyn Technologies]
홈페이지  
Logo ARTESYN - Artesyn Technologies

DS1100SDC 데이터시트(HTML) 1 Page - Artesyn Technologies

  DS1100SDC Datasheet HTML 1Page - Artesyn Technologies DS1100SDC Datasheet HTML 2Page - Artesyn Technologies DS1100SDC Datasheet HTML 3Page - Artesyn Technologies DS1100SDC Datasheet HTML 4Page - Artesyn Technologies DS1100SDC Datasheet HTML 5Page - Artesyn Technologies DS1100SDC Datasheet HTML 6Page - Artesyn Technologies DS1100SDC Datasheet HTML 7Page - Artesyn Technologies DS1100SDC Datasheet HTML 8Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
POWER
DS1100SDC
1100 Watts
Distributed Power System
Front-end Bulk Power
Total Output Power:
1100 W continuous
Wide Input Voltage: -36 to -72 Vdc
Data Sheet
SPECIAL FEATURES
ƒ
1100 W output power
ƒ
High power and short form factor
ƒ
1U power supply
ƒ
High-density design: 24 W/in3
ƒ
Inrush current control
ƒ
N+1 or N+N redundant
ƒ
Active current sharing
ƒ
Full digital control
ƒ
PMBus compliant
ƒ
Compatible with Artesyn’s
Universal PMBus GUI
ƒ
Reverse airflow available
ƒ
Two-year warranty
COMPLIANCE
ƒ
EMI Conducted/Radiated Class A
Limits
SAFETY
ƒ
UL/cUL 60950 (UL Recognized)
ƒ
DEMKO+ CB Report EN60950
ƒ
EN60950
ƒ
CE Mark
ƒ
China CCC
Electrical Specifications
Input
Input range
-36 to -72 Vdc
Efficiency
90.0% peak
Max input current
37 Arms
Inrush current
55 Apk
Conducted EMI
Class A
Radiated EMI
Class A
Hold-up time
1 ms at full load
Output
Main DC Output
Standby DC Output
MIN
NOM
MAX
MIN
NOM
MAX
Nominal setting
-0.20%
12
0.20%
-1%
12
1%
Total output regulation range
11.4 V
12.6 V
11.4 V
12.6 V
Dynamic load regulation
range
11.4 V
12.6 V
11.4 V
12.6 V
Output ripple
120 mVp-p
120 mVp-p
Output current
2 A1
91.76 A
0.1A
3.0A
Current sharing
Within ±5% of full load rating
N/A
Capacitive loading
2000 µF
40,000 µF
47 µF
680 µF
Start-up from input to output
2200 ms
1700 ms
Output rise time
5 ms
50 ms
2 ms
60 ms
1
Minimum current for transient load response testing only. Unit is designed to operate and be within
output regulation range at zero load.


유사한 부품 번호 - DS1100SDC

제조업체부품명데이터시트상세설명
logo
Advanced Energy Industr...
DS1100SDC ADVANCEDENERGY-DS1100SDC Datasheet
731Kb / 10P
1100 Watts Distributed Power System
01 12.14
DS1100SDC-3 ADVANCEDENERGY-DS1100SDC-3 Datasheet
731Kb / 10P
1100 Watts Distributed Power System
01 12.14
DS1100SDC-3-001 ADVANCEDENERGY-DS1100SDC-3-001 Datasheet
731Kb / 10P
1100 Watts Distributed Power System
01 12.14
More results

유사한 설명 - DS1100SDC

제조업체부품명데이터시트상세설명
logo
Emerson Network Power
DS450-3 EMERSON-NETWORKPOWER-DS450-3 Datasheet
180Kb / 3P
Distributed Power System
DS450DC-3 EMERSON-NETWORKPOWER-DS450DC-3 Datasheet
613Kb / 4P
Distributed Power System
DS650DC-3 EMERSON-NETWORKPOWER-DS650DC-3 Datasheet
525Kb / 4P
Distributed Power System
DS850-3 EMERSON-NETWORKPOWER-DS850-3 Datasheet
126Kb / 4P
Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
Distributed Power System
DS1300-3 EMERSON-NETWORKPOWER-DS1300-3 Datasheet
274Kb / 4P
Distributed Power System
DS1500-3 EMERSON-NETWORKPOWER-DS1500-3 Datasheet
274Kb / 4P
Distributed Power System
DS450-3 EMERSON-NETWORKPOWER-DS450-3_09 Datasheet
372Kb / 4P
Distributed Power System
logo
Artesyn Technologies
DS1200-3 ARTESYN-DS1200-3 Datasheet
1Mb / 5P
Distributed Power System
DS1200HE-3-002 ARTESYN-DS1200HE-3-002 Datasheet
211Kb / 9P
Distributed Power System
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com