전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MRF89XAM8A 데이터시트(PDF) 3 Page - Microchip Technology

부품명 MRF89XAM8A
상세설명  868 MHz Ultra-Low Power
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XAM8A 데이터시트(HTML) 3 Page - Microchip Technology

  MRF89XAM8A Datasheet HTML 1Page - Microchip Technology MRF89XAM8A Datasheet HTML 2Page - Microchip Technology MRF89XAM8A Datasheet HTML 3Page - Microchip Technology MRF89XAM8A Datasheet HTML 4Page - Microchip Technology MRF89XAM8A Datasheet HTML 5Page - Microchip Technology MRF89XAM8A Datasheet HTML 6Page - Microchip Technology MRF89XAM8A Datasheet HTML 7Page - Microchip Technology MRF89XAM8A Datasheet HTML 8Page - Microchip Technology MRF89XAM8A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© 2010 Microchip Technology Inc.
Preliminary
DS70651A-page 1
MRF89XAM8A
Features
• Module designed from the MRF89XA integrated
ultra low-power, sub-GHz transceiver IC.
• Supports proprietary sub-GHz wireless protocols
• Simple, SPI Interface with Interrupts
• Small size: 0.7" x 1.1" (17.8 mm x 27.9 mm),
surface mountable
• Integrated crystal, internal voltage regulator,
matching circuitry and Printed Circuit Board
(PCB) antenna
• Easy integration into final product: minimize prod-
uct development, quicker time to market
• Compatible
with
Microchip’s
Microcontroller
families (PIC16, PIC18, PIC24, dsPIC33 and
PIC32)
• Conforms to the following ETSI standards:
- EN 300 220-2 V2.3.1 (2001–02)
- EN 301 489-3 V1.4.1 (2002–08)
Operational
• Operating voltage: 2.1–3.6V (3.3V typical)
• Temperature range: -40°C to +85°C Industrial
• Low-current consumption:
- Rx mode: 3 mA (typical)
- Tx mode: 25 mA at +10 dBm (typical)
- Sleep: 0.1 µA (typical)
RF/Analog Features
• 863–870 MHz operation
• Modulation: FSK and OOK
• Data rate (to conform to ETSI standards):
- FSK: 40 kbps
- OOK: 16 kbps
• Reception sensitivity
- FSK: -107 dBm (typical) at 25 kbps
- OOK: -113 dBm (typical) at 2 kbps
• +10 dBm typical output power with 21 dB Tx
power control range
Media Access Controller
(MAC)/Baseband Features
• Packet handling features with data whitening and
automatic CRC generation
• Incoming sync word (pattern) recognition
• Built-in bit synchronizer for incoming data, and clock
synchronization and recovery
• 64-byte transmit/receive FIFO with preload in stand-by
mode
• Supports Manchester encoding/decoding
techniques
Pin diagram
2
3
4
5
6
1
7
VIN
GND
8
9
10
RESET
CSCON
SDO
SDI
SCK
CSDATA
IRQ1
GND
IRQ0
12
11
GND
868 MHz Ultra-Low Power Sub-GHz Transceiver Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com