전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MRF89XAM8A 데이터시트(PDF) 5 Page - Microchip Technology

부품명 MRF89XAM8A
상세설명  868 MHz Ultra-Low Power
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF89XAM8A 데이터시트(HTML) 5 Page - Microchip Technology

  MRF89XAM8A Datasheet HTML 1Page - Microchip Technology MRF89XAM8A Datasheet HTML 2Page - Microchip Technology MRF89XAM8A Datasheet HTML 3Page - Microchip Technology MRF89XAM8A Datasheet HTML 4Page - Microchip Technology MRF89XAM8A Datasheet HTML 5Page - Microchip Technology MRF89XAM8A Datasheet HTML 6Page - Microchip Technology MRF89XAM8A Datasheet HTML 7Page - Microchip Technology MRF89XAM8A Datasheet HTML 8Page - Microchip Technology MRF89XAM8A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
© 2010 Microchip Technology Inc.
Preliminary
DS70651A-page 3
MRF89XAM8A
1.0
DEVICE OVERVIEW
The MRF89XAM8A is an ultra-low power sub-GHz
surface mount transceiver module with integrated
crystal, internal voltage regulator, matching circuitry
and PCB antenna. The MRF89XAM8A module
operates in the European 863–870 MHz frequency
band and is ETSI compliant. The integrated module
design frees the integrator from the extensive RF and
antenna design, and regulatory compliance testing,
allowing quicker time to market.
The MRF89XAM8A module is compatible with
Microchip’s
MiWi™
Development
Environment
software stacks. The software stacks are available as a
free download, including source code, from the
Microchip’s web site
http://www.microchip.com/wireless.
The MRF89XAM8A module has been tested and
conforms to EN 300 220-2 V2.3.1 (2001–02) and EN
301 489-3 V1.4.1 (2002–08) European Standards. The
module tests can be applied toward final product
certification and Declaration of Conformity (DoC). To
maintain conformance, refer to module settings in
Section 1.3, Operation. Additional testing may be
required depending on the end application.
1.1
Interface description
The simplified block diagram of the MRF89XAM8A
module is illustrated in Figure 1-1. The module is based
on the Microchip Technology MRF89XA ultra-low
power sub-GHz transceiver Integrated Circuit (IC). The
module interfaces to many popular Microchip PIC®
microcontrollers through a 3-wire serial SPI interface,
two chip selects (configuration and data), two interrupts
Interrupt Request 0 (IRQ0) and Interrupt Request 1
(IRQ1), Reset, power and ground as illustrated in
Figure 1-2. Table 1-1 provides the related pin
descriptions.
Serial communication and module configuration are
documented in the “MRF89XA Ultra-Low Power,
Integrated Sub-GHz Transceiver” (DS70622) Data
Sheet. Refer to the “MRF89XA Data Sheet” for specific
serial
interface
protocol
and
general
register
definitions. Also, see Section 1.3, Operation for
specific register settings that are unique to the
MRF89XAM8A
module
operation
to
maintain
regulatory compliance.
FIGURE 1-1:
MRF89XAM8A BLOCK DIAGRAM
MRF89XA
Control
Interface
Power
Management
Baseband
RF
MRF89XAM8A Module
SPI
Digital I/O
IRQ0
Power
12.8 MHz Crystal
Matching
Circuitry
and
SAW Filter
PCB
Antenna
Loop
Filter
VCO
Tank
IRQ1
CSDATA
CSCON
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com