전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCN75AVOA 데이터시트(PDF) 29 Page - Microchip Technology

부품명 TCN75AVOA
상세설명  2-Wire Serial Temperature Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75AVOA 데이터시트(HTML) 29 Page - Microchip Technology

Back Button TCN75AVOA Datasheet HTML 25Page - Microchip Technology TCN75AVOA Datasheet HTML 26Page - Microchip Technology TCN75AVOA Datasheet HTML 27Page - Microchip Technology TCN75AVOA Datasheet HTML 28Page - Microchip Technology TCN75AVOA Datasheet HTML 29Page - Microchip Technology TCN75AVOA Datasheet HTML 30Page - Microchip Technology TCN75AVOA Datasheet HTML 31Page - Microchip Technology TCN75AVOA Datasheet HTML 32Page - Microchip Technology TCN75AVOA Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
 2010 Microchip Technology Inc.
DS21935D-page 29
TCN75A
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
TCN75AV
OA^^1018
256
8-Lead MSOP
Example:
XXXXX
YWWNNN
N75A/E
018256
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40