전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8405 데이터시트(PDF) 33 Page - Cirrus Logic

부품명 CS8405
상세설명  96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8405 데이터시트(HTML) 33 Page - Cirrus Logic

Back Button CS8405 Datasheet HTML 28Page - Cirrus Logic CS8405 Datasheet HTML 29Page - Cirrus Logic CS8405 Datasheet HTML 30Page - Cirrus Logic CS8405 Datasheet HTML 31Page - Cirrus Logic CS8405 Datasheet HTML 32Page - Cirrus Logic CS8405 Datasheet HTML 33Page - Cirrus Logic CS8405 Datasheet HTML 34Page - Cirrus Logic CS8405 Datasheet HTML 35Page - Cirrus Logic CS8405 Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
CS8405A
DS469PP4
33
14. APPENDIX A: EXTERNAL
AES3/SPDIF/IEC60958
TRANSMITTER COMPONENTS
This section details the external components re-
quired to interface the AES3 transmitter to cables
and fiber-optic components.
14.1
AES3 Transmitter External
Components
The output drivers on the CS8405A are designed to
drive both the professional and consumer interfac-
es. The AES3 specification for professional/broad-
cast use calls for a 110
Ω source impedance and a
balanced drive capability. Since the transmitter
output impedance is very low, a 110
Ω resistor
should be placed in series with one of the transmit
pins. The specifications call for a balanced output
drive of 2-7 volts peak-to-peak into a 110
Ω load
with no cable attached. Using the circuit in
Figure 11, the output of the transformer is short-
circuit protected, has the proper source impedance,
and provides a 5 volt peak-to-peak signal into a
110
Ω load. Lastly, the two output pins should be
attached to an XLR connector with male pins and a
female shell, and with pin 1 of the connector
grounded.
In the case of consumer use, the IEC60958 specifi-
cations call for an unbalanced drive circuit with an
output impedance of 75
Ω and a output drive level
of 0.5 volts peak-to-peak ±20% when measured
across a 75
Ω load using no cable. The circuit
shown in Figure 12 only uses the TXP pin and pro-
vides the proper output impedance and drive level
using standard 1% resistors. If VL+ is driven from
+3.3 V, use resistor values of 243 Ohms and
107 Ohms. The connector for a consumer applica-
tion would be an RCA phono socket. This circuit is
also short circuit protected.
The TXP pin may be used to drive TTL or CMOS
gates as shown in Figure 13. This circuit may be
used for optical connectors for digital audio since
they usually have TTL or CMOS compatible in-
puts. This circuit is also useful when driving multi-
ple digital audio outputs since RS422 line drivers
have TTL compatible inputs.
14.2
Isolating Transformer Requirements
Please refer to the application note AN134: AES
and SPDIF Recommended Transformers for re-
sources on transformer selection.
374
Ω
90.9
Ω
TXP
TXN
RCA
Phono
CS8405A
110
Ω
TXP
TXN
XLR
1
CS8405A
Figure 11. Professional Output Circuit
Figure 12. Consumer Output Circuit
TXP
TXN
TTL or
CMOS Gate
CS8405A
Figure 13. TTL/CMOS Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com