전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC28511 데이터시트(PDF) 15 Page - Microchip Technology

부품명 MIC28511
상세설명  60VIN, 3A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28511 데이터시트(HTML) 15 Page - Microchip Technology

Back Button MIC28511 Datasheet HTML 11Page - Microchip Technology MIC28511 Datasheet HTML 12Page - Microchip Technology MIC28511 Datasheet HTML 13Page - Microchip Technology MIC28511 Datasheet HTML 14Page - Microchip Technology MIC28511 Datasheet HTML 15Page - Microchip Technology MIC28511 Datasheet HTML 16Page - Microchip Technology MIC28511 Datasheet HTML 17Page - Microchip Technology MIC28511 Datasheet HTML 18Page - Microchip Technology MIC28511 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005520A-page 15
MIC28511
FIGURE 2-49:
Output Recovery from
Short-Circuit (Zoomed-In Version).
FIGURE 2-50:
Output Recovery from
Thermal Shutdown.
FIGURE 2-51:
MIC28511-2 Switching
Waveforms, IOUT = 3A.
FIGURE 2-52:
MIC28511-2 Switching
Waveforms, IOUT = 0A.
FIGURE 2-53:
MIC28511-1 Switching
Waveforms, IOUT = 0A.
FIGURE 2-54:
MIC28511-1 Switching
Waveforms, IOUT = 3A.
Time (100μs/div)
V
OUT
(2V/div)
V
IN = 12V
V
OUT = 5V
I
OUT = 3A TO SHORT
I
L
(2A/div)
Time (4.0ms/div)
V
OUT
(2V/div)
V
IN = 12V
V
OUT = 5V
I
OUT = 1A
V
SW
(5V/div)
Time (1.0μs/div)
V
OUT
(10mV/div)
(AC-COUPLED)
V
IN = 12V
V
OUT = 5V
I
OUT = 3A
V
SW
(10V/div)
I
L
(2V/div)
Time (1.0μs/div)
V
OUT
(10mV/div)
(AC-COUPLED)
V
IN = 12V, VOUT = 5V, IOUT = 0A
V
SW
(10V/div)
I
L
(2V/div)
Time (400μs/div)
V
OUT
(50mV/div)
(AC-COUPLED)
V
IN = 12V, VOUT = 5V, IOUT = 0A
V
SW
(10V/div)
I
L
(1V/div)
Time (1μs/div)
V
OUT
(20mV/div)
(AC-COUPLED)
V
IN = 12V
V
OUT = 5V
I
OUT = 3A
V
SW
(10V/div)
I
L
(2V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com