전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC28511-2YFL 데이터시트(PDF) 4 Page - Microchip Technology

부품명 MIC28511-2YFL
상세설명  60VIN, 3A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28511-2YFL 데이터시트(HTML) 4 Page - Microchip Technology

  MIC28511-2YFL Datasheet HTML 1Page - Microchip Technology MIC28511-2YFL Datasheet HTML 2Page - Microchip Technology MIC28511-2YFL Datasheet HTML 3Page - Microchip Technology MIC28511-2YFL Datasheet HTML 4Page - Microchip Technology MIC28511-2YFL Datasheet HTML 5Page - Microchip Technology MIC28511-2YFL Datasheet HTML 6Page - Microchip Technology MIC28511-2YFL Datasheet HTML 7Page - Microchip Technology MIC28511-2YFL Datasheet HTML 8Page - Microchip Technology MIC28511-2YFL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MIC28511
DS20005520A-page 4
 2016 Microchip Technology Inc.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
VIN = 12V, TA = 25°C, unless noted. Bold values indicate –40°C ≤ TJ ≤ +125°C.
(Note 1)
.
Parameters
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
Input Voltage Range (PVIN,
VIN)
4.6
60
V—
Quiescent Supply Current
0.4
0.75
mA
VFB = 1.5V (MIC28511-1)
—0.7
1.5
VFB = 1.5V (MIC28511-2)
Shutdown Supply Current
0.1
10
µA
SW unconnected, VEN = 0V
VDD Supply
VDD Output Voltage
4.8
5.2
5.4
VVIN = 7V to 60V, IVDD = 10 mA
VDD UVLO Threshold
3.8
4.2
4.6
VVDD rising
VDD UVLO Hysteresis
400
mV
Load Regulation at 40 mA
0.6
2
4.0
%
Reference
Feedback Reference Voltage
0.792
0.8
0.808
V0°C ≤ TJ ≤ +85°C (±1.0%)
0.784
0.8
0.816
–40°C ≤ TJ ≤ +125°C (±2%)
FB Bias Current
5
500
nA
VFB = 0.8V
Enable Control
EN Logic Level High
1.8
——
V
EN Logic Level Low
0.6
EN Hysteresis
200
mV
EN Bias Current
5
40
µA
VEN = 12V
Oscillator
Switching Frequency
450
680
800
kHz
VFREQ = VIN
—340
VFREQ = 50% x VIN
Maximum Duty Cycle
85
%
Minimum Duty Cycle
0
VFB > 0.8V
Minimum Off-Time
110
200
270
ns
Internal MOSFET
High-Side NMOS
On-Resistance
—51
mΩ
Low-Side NMOS
On-Resistance
—28
Short-Circuit Protection
Current-Limit Threshold
–30
–14
0
mV
VFB = 0.79V
Short-Circuit Threshold
–27
–7
8
VFB = 0V
Current-Limit Source Current
50
70
90
µA
VFB = 0.79V
Short-Circuit Source Current
25
36
43
VFB = 0V
Note 1:
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com