전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADPD103 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADPD103
상세설명  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADPD103 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADPD103 Datasheet HTML 5Page - Analog Devices ADPD103 Datasheet HTML 6Page - Analog Devices ADPD103 Datasheet HTML 7Page - Analog Devices ADPD103 Datasheet HTML 8Page - Analog Devices ADPD103 Datasheet HTML 9Page - Analog Devices ADPD103 Datasheet HTML 10Page - Analog Devices ADPD103 Datasheet HTML 11Page - Analog Devices ADPD103 Datasheet HTML 12Page - Analog Devices ADPD103 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 8 of 52
TIMING SPECIFICATIONS
Table 6. I2C Timing Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
I2C PORT1
See Figure 2
SCL
Frequency
400
kHz
Minimum Pulse Width
High
t1
600
ns
Low
t2
1300
ns
Start Condition
Hold Time
t3
600
ns
Setup Time
t4
600
ns
SDA Setup Time
t5
100
ns
SCL and SDA
Rise Time
t6
1000
ns
Fall Time
t7
300
ns
Stop Condition
Setup Time
t8
600
ns
1
Guaranteed by design.
SDA
SCL
t3
t6
t1
t5
t2
t7
t3
t4
t8
Figure 2. I2C Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53