전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VDP3133Y 데이터시트(PDF) 52 Page - Micronas

부품명 VDP3133Y
상세설명  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRONAS [Micronas]
홈페이지  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y 데이터시트(HTML) 52 Page - Micronas

Back Button VDP3133Y Datasheet HTML 48Page - Micronas VDP3133Y Datasheet HTML 49Page - Micronas VDP3133Y Datasheet HTML 50Page - Micronas VDP3133Y Datasheet HTML 51Page - Micronas VDP3133Y Datasheet HTML 52Page - Micronas VDP3133Y Datasheet HTML 53Page - Micronas VDP3133Y Datasheet HTML 54Page - Micronas VDP3133Y Datasheet HTML 55Page - Micronas VDP3133Y Datasheet HTML 56Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
52
Micronas
3. Specifications
3.1. Outline Dimensions
Fig. 3–1:
64-Pin Plastic Shrink Dual-Inline Package
(PSDIP64)
Weight approximately 9.0 g
Dimensions in mm
3.2. Pin Connections and Short Descriptions
NC = not connected
LV = if not used, leave vacant
X = obligatory; connect as described in circuit diagram
IN = Input
OUT = Output
SUPPLY = Supply Pin
132
33
64
57.7 ±0.1
1.778
1 ±0.05
31 x 1.778 = 55.1 ±0.1
0.48 ±0.06
20.3 ±0.5
0.28 ±0.06
18 ±0.05
19.3 ±0.1
SPGS703000-1(P64)/1E
Pin No.
Pin Name
Type
Connection
Short Description
PSDIP
64-pin
(If not used)
1
TEST
IN
GNDD
Test Input
2
RESQ
IN
X
Reset Input
3
SCL
IN/OUT
X
I2C Bus Clock
4
SDA
IN/OUT
X
I2C Bus Data
5
GNDD
SUPPLY
X
Digital Ground
6
HCS
IN
LV
Half Contrast Switch Input
7
FSY
OUT
LV
Front Sync Output
8
CSY
OUT
LV
Composite Sync Output
9
VS
OUT
LV
Vertical Sync Output
(= VS Bit of MSY for TPU)
10
INTLC
OUT
LV
Interlace Control Output
11
VPROT
IN
GNDAB
Vertical Protection Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com