전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VDP3133Y 데이터시트(PDF) 66 Page - Micronas

부품명 VDP3133Y
상세설명  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICRONAS [Micronas]
홈페이지  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3133Y 데이터시트(HTML) 66 Page - Micronas

Back Button VDP3133Y Datasheet HTML 62Page - Micronas VDP3133Y Datasheet HTML 63Page - Micronas VDP3133Y Datasheet HTML 64Page - Micronas VDP3133Y Datasheet HTML 65Page - Micronas VDP3133Y Datasheet HTML 66Page - Micronas VDP3133Y Datasheet HTML 67Page - Micronas VDP3133Y Datasheet HTML 68Page - Micronas VDP3133Y Datasheet HTML 69Page - Micronas VDP3133Y Datasheet HTML 70Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
66
Micronas
3.6.4.7. Horizontal Flyback Input
3.6.4.8. Horizontal Drive Output
3.6.4.9. Vertical Protection Input
3.6.4.10. Vertical Safety Input
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
HFLB
−−
1.8
V
VIH
Input High Voltage
2.6
−−
V
VIHST
Input Hysteresis
0.1
−−
V
PSRRHF
Power Supply Rejection Ratio
of Trigger Level
0
−−
dB
f = 20 MHz
PSRRMF
Power Supply Rejection Ratio
of Trigger Level
−20
−−
dB
f < 15 kHz
PSRRLF
Power Supply Rejection Ratio
of Trigger Level
−40
−−
dB
f < 100 Hz
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VOL
Output Low Voltage
HOUT
−−
0.4
V
IOL = 10 mA
VOH
Output High Voltage
(Open Drain Stage)
−−
5
V
external pull-up resistor
tOF
Output Fall Time
−
820
ns
CLOAD = 30 pF
IOL
Output Low Current
−−
10
mA
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
VPROT
−−
1.8
V
VIH
Input High Voltage
2.6
−−
V
VIHST
Input Hysteresis
0.1
−−
V
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VILA
Input Low Voltage A
SAFETY
−−
1.8
V
VIHA
Input High Voltage A
2.6
−−
V
VILB
Input Low Voltage B
−−
3.0
V
VIHB
Input High Voltage B
3.8
−−
V
VIHST
Input Hysteresis A and B
0.1
−−
V
tPID
Internal Delay
−−
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com