전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N5393D 데이터시트(PDF) 13 Page - Keysight Technologies

부품명 N5393D
상세설명  PCI Express짰 3.0 (Gen3) Software
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5393D 데이터시트(HTML) 13 Page - Keysight Technologies

Back Button N5393D Datasheet HTML 9Page - Keysight Technologies N5393D Datasheet HTML 10Page - Keysight Technologies N5393D Datasheet HTML 11Page - Keysight Technologies N5393D Datasheet HTML 12Page - Keysight Technologies N5393D Datasheet HTML 13Page - Keysight Technologies N5393D Datasheet HTML 14Page - Keysight Technologies N5393D Datasheet HTML 15Page - Keysight Technologies N5393D Datasheet HTML 16Page - Keysight Technologies N5393D Datasheet HTML 17Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13 | Keysight | N5393D PCI Express® 3.0 (Gen3) Software for Infiniium Oscilloscopes - Data Sheet
Switch Matrix
The Keysight N5393D Option 7FP switch
matrix software tool for the PCI Express
compliance application, used together
with switch matrix hardware, enables
fully automated testing for this multi-lane
digital bus interface. The benefits of this
automated switching solution include:
– Eliminate reconnections, which saves
time and reduces errors through
automating test setup for each lane of
a multi-lane bus.
– Maintain accuracy with the use of
unique N2809A PrecisionProbe or
InfiniiSim features to compensate for
switch path losses and skew.
– Customize testing by using remote
programming interface and the
user-defined application tool for
device control, instrument control and
test customization.
More information of the switching solution
and configuration, visit http://literature.
cdn.keysight.com/find/switching and
the Keysight application note with the
publication number 5991-2375EN.
Figure 17. Switch matrix software feature enabled in the compliance application.
Figure 16. Automated testing for multi-lane digital bus interface through switching solution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25