| 전자부품 데이터시트 검색엔진 |
|
STM32L052K6 데이터시트(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L052K6 데이터시트(HTML) 57 Page - STMicroelectronics |
|
57 / 136 page ![]() DocID025936 Rev 6 57/136 STM32L052x6 STM32L052x8 110 TA Temperature range Maximum power dissipation (range 6) –40 85 °C Maximum power dissipation (range 7) –40 105 Maximum power dissipation (range 3) –40 125 TJ Junction temperature range (range 6) -40 °C TA 85 ° –40 105 Junction temperature range (range 7) -40 °C TA 105 °C –40 125 Junction temperature range (range 3) -40 °C TA 125 °C –40 130 1. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV between VDD and VDDA can be tolerated during power-up and normal operation. 2. VDD_USB must respect the following conditions: - When VDD is powered on (VDD < VDD_min), VDD_USB should be always lower than VDD. - When VDD is powered down (VDD < VDD_min), VDD_USB should be always lower than VDD. - In operating mode, VDD_USB could be lower or higher VDD. - If the USB is not used, VDD_USB must range from VDD_min to VDD_max to be able to use PA11 and PA12 as standard I/Os. 3. To sustain a voltage higher than VDD+0.3V, the internal pull-up/pull-down resistors must be disabled. 4. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJ max (see Table 24: Thermal characteristics on page 55). Table 25. General operating conditions (continued) Symbol Parameter Conditions Min Max Unit |