| 전자부품 데이터시트 검색엔진 |
|
STM32L052K6 데이터시트(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L052K6 데이터시트(HTML) 91 Page - STMicroelectronics |
|
91 / 136 page ![]() DocID025936 Rev 6 91/136 STM32L052x6 STM32L052x8 110 Figure 27. Recommended NRST pin protection 1. The reset network protects the device against parasitic resets. 2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in Table 62. Otherwise the reset will not be taken into account by the device. 6.3.15 12-bit ADC characteristics Unless otherwise specified, the parameters given in Table 63 are derived from tests performed under ambient temperature, fPCLK frequency and VDDA supply voltage conditions summarized in Table 25: General operating conditions. Note: It is recommended to perform a calibration after each power-up. Table 63. ADC characteristics Symbol Parameter Conditions Min Typ Max Unit VDDA Analog supply voltage for ADC on Fast channel 1.65 - 3.6 V Standard channel 1.75(1) -3.6 IDDA (ADC) Current consumption of the ADC on VDDA and VREF+ 1.14 Msps - 200 - µA 10 ksps - 40 - Current consumption of the ADC on VDD(2) 1.14 Msps - 70 - 10 ksps - 1 - fADC ADC clock frequency Voltage scaling Range 1 0.14 - 16 MHz Voltage scaling Range 2 0.14 - 8 Voltage scaling Range 3 0.14 - 4 fS(3) Sampling rate 12-bit resolution 0.01 - 1.14 MHz fTRIG(3) External trigger frequency fADC = 16 MHz, 12-bit resolution - - 941 kHz -- - 17 1/fADC VAIN Conversion voltage range - 0 - V RAIN(3) External input impedance See Equation 1 and Table 64 for details -- 50 k RADC(3)(4) Sampling switch resistance - - - 1 k CADC(3) Internal sample and hold capacitor -- - 8 pF |