| 전자부품 데이터시트 검색엔진 |
|
STM32L051R8 데이터시트(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L051R8 데이터시트(HTML) 39 Page - STMicroelectronics |
|
39 / 127 page ![]() DocID025938 Rev 6 39/127 STM32L051x6 STM32L051x8 Pin descriptions 45 17 G3 13 F5 9 9 PA3 I/O FT - TIM21_CH2, TIM2_CH4, USART2_RX COMP2_INP, ADC_IN3 18 C2 - - - - VSS S - - - 19 D2 - - - - VDD S - - - 20 H3 14 E4 10 10 PA4 I/O TC (2) SPI1_NSS, USART2_CK, TIM22_ETR COMP1_INM4, COMP2_INM4, ADC_IN4 21 F4 15 F4 11 11 PA5 I/O TC - SPI1_SCK, TIM2_ETR, TIM2_CH1 COMP1_INM5, COMP2_INM5, ADC_IN5 22 G4 16 E3 12 12 PA6 I/O FT - SPI1_MISO, LPUART1_CTS, TIM22_CH1, EVENTOUT, COMP1_OUT ADC_IN6 23 H4 17 F3 13 13 PA7 I/O FT - SPI1_MOSI, TIM22_CH2, EVENTOUT, COMP2_OUT ADC_IN7 24 H5 - - - - PC4 I/O FT - EVENTOUT, LPUART1_TX ADC_IN14 25 H6 - - - - PC5 I/O FT - LPUART1_RX, ADC_IN15 26 F5 18 D3 14 14 PB0 I/O FT - EVENTOUT ADC_IN8, VREF_OUT 27 G5 19 C3 15 15 PB1 I/O FT - LPUART1_RTS_DE ADC_IN9, VREF_OUT 28 G6 20 F2 - 16 PB2 I/O FT - LPTIM1_OUT - 29 G7 21 E2 - - PB10 I/O FT - TIM2_CH3, LPUART1_TX, SPI2_SCK, I2C2_SCL - Table 15. STM32L051x6/8 pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |