| 전자부품 데이터시트 검색엔진 |
|
STM32L051R8 데이터시트(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L051R8 데이터시트(HTML) 40 Page - STMicroelectronics |
|
40 / 127 page ![]() Pin descriptions STM32L051x6 STM32L051x8 40/127 DocID025938 Rev 6 30 H7 22 D2 - - PB11 I/O FT - EVENTOUT, TIM2_CH4, LPUART1_RX, I2C2_SDA - 31 D6 23 - 16 - VSS S - - - - 32 E6 24 F1 17 17 VDD S - - - - 33 H8 25 - - - PB12 I/O FT - SPI2_NSS/I2S2_WS, LPUART1_RTS_DE, EVENTOUT - 34 G8 26 - - - PB13 I/O FTf - SPI2_SCK/I2S2_CK, LPUART1_CTS, I2C2_SCL, TIM21_CH1 - 35 F8 27 - - - PB14 I/O FTf - SPI2_MISO/I 2S2_MCK, RTC_OUT, LPUART1_RTS_DE, I2C2_SDA, TIM21_CH2 - 36 F7 28 - - - PB15 I/O FT - SPI2_MOSI/I2S2_SD , RTC_REFIN - 37 F6 - - - - PC6 I/O FT - TIM22_CH1 - 38 E7 - - - - PC7 I/O FT - TIM22_CH2 - 39 E8 - - - - PC8 I/O FT - TIM22_ETR - 40 D8 - - - - PC9 I/O FT - TIM21_ETR - 41 D7 29 E1 18 18 PA8 I/O FT - MCO, EVENTOUT, USART1_CK - 42 C7 30 D1 19 19 PA9 I/O FT - MCO, USART1_TX - 43 C6 31 C1 20 20 PA10 I/O FT - USART1_RX - 44 C8 32 C2 21 21 PA11 I/O FT - SPI1_MISO, EVENTOUT, USART1_CTS, COMP1_OUT - Table 15. STM32L051x6/8 pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |