전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U5600 데이터시트(PDF) 2 Page - TE Connectivity Ltd

부품명 U5600
상세설명  Enhanced Pressure Accuracy
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

U5600 데이터시트(HTML) 2 Page - TE Connectivity Ltd

  U5600 Datasheet HTML 1Page - TE Connectivity Ltd U5600 Datasheet HTML 2Page - TE Connectivity Ltd U5600 Datasheet HTML 3Page - TE Connectivity Ltd U5600 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
U5600
Wireless Pressure Transducer
TE CONNECTIVITY SENSORS /// U5600
05/2016
Page 2
Standard Ranges
Range (psi)
Range (Bar)
Gage
Sealed
Absolute
Compound
0 to 005
0 to .35
0 to 015
0 to 001
0 to 030
0 to 002
0 to 050
0 to 3.5
0 to 100
0 to 007
0 to 010
0 to 200
0 to 014
0 to 300
0 to 020
0 to 500
0 to 035
0 to 01k
0 to 070
0 to 03k
0 to 200
0 to 05k
0 to 350
0 to 10k
0 to 700
Intermediate ranges available upon request.
Performance Specifications
Ambient Temperature: 25°C (unless otherwise specified) For custom configurations, consult factory.
Parameters
Min
Typ
Max
Units
Notes
Supply Voltage
2.3
3
3.6
Vdc
Replaceable CR2050 battery
Accuracy
(RSS of linearity, hysteresis, and
repeatability)
-0.25
0.25
%F.S.
5psi
-0.1
0.1
%F.S.
>5 and ≤500psi
-0.25
0.25
%F.S.
>500 and ≤5000psi
-0.75
0.75
%F.S.
>5000psi
Temperature Output Accuracy
-3
3
°C
Output Protocol
Digital I2C
Resolution
24
Bit
Endurance
1.00E+6
0~FS Cycles
Stability
-0.25
0.25
%F.S./year
Total Error Band
(@25°C over compensated range)
-1
1
%F.S.
5psi
-0.75
0.75
%F.S.
>5 and ≤5000psi
-1.25
1.25
%F.S.
>5000psi
Proof Pressure
3X
20k psi
Rated
Burst Pressure
4X
20k psi
Rated
Long Term Stability (1 year)
-0.1
0.1
%F.S.
Compensated Temperature
-10
+60
°C
Operating Temperature
-20
+85
°C
with battery
Storage Temperature
-40
+120
°C
without battery
Wireless Protocol
Bluetooth® 4.0 Wireless Connection or above
Receiver Operating System
Android
™ 4.3 or above, iOS 7 or above, Windows® XP/7 or above
Signal Pairing Distance
65 feet
Signal Transmission Distance
65 feet affected by receiver antenna and blocking objects
Battery Life
2 years typical CR2050 350mAH battery, 5 second transmission interval, room temperature
Low Battery Warning
2.5Vdc, red battery symbol in app
Weatherproof
IP66 & IP67
Pressure Port Material
316L Stainless Steel Port, 316L Stainless Steel Snubber
Enclosure
Stainless Steel and Polycarbonate
Shock
50g, 11msec Half Sine Shock per MIL-STD-202G, Method 213B, Condition A
Vibration
±20g, MIL-STD-810C, Procedure 514.2, Fig 514.2-2, Curve L



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com