전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U5600 데이터시트(PDF) 1 Page - TE Connectivity Ltd

부품명 U5600
상세설명  Enhanced Pressure Accuracy
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

U5600 데이터시트(HTML) 1 Page - TE Connectivity Ltd

  U5600 Datasheet HTML 1Page - TE Connectivity Ltd U5600 Datasheet HTML 2Page - TE Connectivity Ltd U5600 Datasheet HTML 3Page - TE Connectivity Ltd U5600 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TE CONNECTIVITY SENSORS /// U5600
04/2016
Page 1
Features
Heavy Industrial CE Approval
10 V/m EMI Protection
Down to ±0.1% Pressure Accuracy
Down to ±0.75% Total Error Band
±3°C Temperature Output Accuracy
-10°C to +60°C Compensating
Temperature
-20°C to +85°C Operating
Temperature
Applications
Industrial Process Control and
Monitoring
Advanced HVAC Systems
Refrigeration Systems
Automotive Test Stands
Off-Road Vehicles
Pumps and Compressors
Hydraulic/Pneumatic Systems
Agriculture Equipment
Energy Generation and Management
Pool/Spa Pump Monitoring
MEAS
U5600
Wireless Pressure Transducer
Enhanced Pressure Accuracy
Digital 24-bit ADC Output, I2C Protocol
Bluetooth® 4.0 Wireless Connection
CE Compliant with a Variety of Pressure Ports
Compact and Battery Powered [CR2050]
Optional Stainless Steel Snubber
Weatherproof (IP66/IP67)
FCC Certified
Stainless Steel and Polycarbonate Enclosure
Gage, Sealed, Absolute, Compound
iOS, Android
™ and Windows® XP/7+ Compatible
The modular U5600 wireless pressure transducer from our UltraStable
line is enclosed in a stainless steel and polycarbonate housing. This
high accuracy, 24-bit ADC digital output wireless transducer eliminates
hard wiring and provides remote process control and monitoring via
Bluetooth® 4.0 Wireless Communication. This series is suitable for
measurement of liquid or gas pressure, even for difficult media such as
contaminated water, steam, and mildly corrosive fluids.
The wetted material of the pressure port is made of 316L stainless
steel and the transducer’s durability is excellent with no o-rings or
organics exposed to the pressure media. The U5600 is weatherproof
and exceeds the latest heavy industrial CE requirements.
This product is geared to the OEM customer for mid to high volumes.
TE stands ready to provide a custom design of the U5600 where the
volume and application warrants. Additional configurations not listed
are available. Please inquire for further information.


유사한 부품 번호 - U5600

제조업체부품명데이터시트상세설명
logo
Humirel
U5600 HUMIREL-U5600 Datasheet
138Kb / 4P
Wireless Pressure Transducer
More results

유사한 설명 - U5600

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
MPXH6300A MOTOROLA-MPXH6300A Datasheet
303Kb / 8P
HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
TE Connectivity Ltd
EB100 TEC-EB100 Datasheet
205Kb / 4P
High Accuracy Miniature Pressure Transducer
MEAS-U5600 TEC-MEAS-U5600 Datasheet
138Kb / 4P
Enhanced Pressure Accuracy
logo
Infineon Technologies A...
KP254 INFINEON-KP254 Datasheet
1Mb / 30P
High accuracy pressure sensing (짹 1.5 kPa)
Revision 1.1, 2015-07-29
KP256 INFINEON-KP256 Datasheet
1Mb / 29P
High accuracy pressure sensing (짹 1.0 kPa)
Revision 1.1, 2015-07-29
logo
Greystone Energy System...
PS-HAGP GREYSTONE-PS-HAGP Datasheet
365Kb / 2P
HIGH ACCURACY GAGE PRESSURE TRANSMITTER
PS-HALP GREYSTONE-PS-HALP Datasheet
442Kb / 2P
HIGH ACCURACY LOW PRESSURE TRANSMITTER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com