전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F446RE 데이터시트(PDF) 48 Page - STMicroelectronics

부품명 STM32F446RE
상세설명  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RE 데이터시트(HTML) 48 Page - STMicroelectronics

Back Button STM32F446RE Datasheet HTML 44Page - STMicroelectronics STM32F446RE Datasheet HTML 45Page - STMicroelectronics STM32F446RE Datasheet HTML 46Page - STMicroelectronics STM32F446RE Datasheet HTML 47Page - STMicroelectronics STM32F446RE Datasheet HTML 48Page - STMicroelectronics STM32F446RE Datasheet HTML 49Page - STMicroelectronics STM32F446RE Datasheet HTML 50Page - STMicroelectronics STM32F446RE Datasheet HTML 51Page - STMicroelectronics STM32F446RE Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 202 page
background image
Pinout and pin description
STM32F446xC/E
48/202
DocID027107 Rev 6
613
F9
E1
24
PH1-
OSC_OUT(PH1)
I/O FT
-
EVENTOUT
OSC_OUT
7
14
D8
F1
25
NRST
I/O
RS
T
--
-
815
G9
H1
26
PC0
I/O FT
-
SAI1_MCLK_B,
OTG_HS_ULPI_STP,
FMC_SDNWE,
EVENTOUT
ADC123_IN10
916
-
H2
27
PC1
I/O FT
-
SPI3_MOSI/I2S3_SD,
SAI1_SD_A,
SPI2_MOSI/I2S2_SD,
EVENTOUT
ADC123_IN11
10
17
E8
H3
28
PC2
I/O FT
-
SPI2_MISO,
OTG_HS_ULPI_DIR,
FMC_SDNE0, EVENTOUT
ADC123_IN12
11
18
F8
H4
29
PC3
I/O FT
-
SPI2_MOSI/I2S2_SD,
OTG_HS_ULPI_NXT,
FMC_SDCKE0,
EVENTOUT
ADC123_IN13
-19
H9
-
30
VDD
S
-
-
-
-
-
-
G8
-
-
VSS
S
-
-
-
-
12
20
F7
J1
31
VSSA
S
-
-
-
-
-
-
-
K1
-
VREF-
S
-
-
-
-
-
21
-
L1
32
VREF+
S
-
-
-
-
13
22
H8
M1
33
VDDA
S
-
-
-
-
14
23
J9
J2
34
PA0-WKUP(PA0)
I/O FT
-
TIM2_CH1/TIM2_ETR,
TIM5_CH1, TIM8_ETR,
USART2_CTS,
UART4_TX, EVENTOUT
ADC123_IN0,
WKUP0/TAMP_2
15
24
G7
K2
35
PA1
I/O FT
-
TIM2_CH2, TIM5_CH2,
USART2_RTS,
UART4_RX,
QUADSPI_BK1_IO3,
SAI2_MCLK_B,
EVENTOUT
ADC123_IN1
16
25
E7
L2
36
PA2
I/O FT
-
TIM2_CH3, TIM5_CH3,
TIM9_CH1, USART2_TX,
SAI2_SCK_B, EVENTOUT
ADC123_IN2
Table 10. STM32F446xx pin and ball descriptions (continued)
Pin Number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More