전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F446RE 데이터시트(PDF) 51 Page - STMicroelectronics

부품명 STM32F446RE
상세설명  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RE 데이터시트(HTML) 51 Page - STMicroelectronics

Back Button STM32F446RE Datasheet HTML 47Page - STMicroelectronics STM32F446RE Datasheet HTML 48Page - STMicroelectronics STM32F446RE Datasheet HTML 49Page - STMicroelectronics STM32F446RE Datasheet HTML 50Page - STMicroelectronics STM32F446RE Datasheet HTML 51Page - STMicroelectronics STM32F446RE Datasheet HTML 52Page - STMicroelectronics STM32F446RE Datasheet HTML 53Page - STMicroelectronics STM32F446RE Datasheet HTML 54Page - STMicroelectronics STM32F446RE Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 202 page
background image
DocID027107 Rev 6
51/202
STM32F446xC/E
Pinout and pin description
66
-
-
-
H6
61
VSS
S
-
-
-
-
--
-
G6
62
VDD
S
-
-
-
-
-
41
J4
J7
63
PE10
I/O FT
-
TIM1_CH2N,
QUADSPI_BK2_IO3,
FMC_D7, EVENTOUT
-
-
42
-
H8
64
PE11
I/O FT
-
TIM1_CH2, SPI4_NSS,
SAI2_SD_B, FMC_D8,
EVENTOUT
-
-
43
-
J8
65
PE12
I/O FT
-
TIM1_CH3N, SPI4_SCK,
SAI2_SCK_B, FMC_D9,
EVENTOUT
-
-
44
-
K8
66
PE13
I/O FT
-
TIM1_CH3, SPI4_MISO,
SAI2_FS_B, FMC_D10,
EVENTOUT
-
-
45
-
L8
67
PE14
I/O FT
-
TIM1_CH4, SPI4_MOSI,
SAI2_MCLK_B, FMC_D11,
EVENTOUT
-
-
46
-
M8
68
PE15
I/O FT
-
TIM1_BKIN, FMC_D12,
EVENTOUT
-
29
47
H4
M9
69
PB10
I/O FT
-
TIM2_CH3, I2C2_SCL,
SPI2_SCK/I2S2_CK,
SAI1_SCK_A,
USART3_TX,
OTG_HS_ULPI_D3,
EVENTOUT
-
-
-
-
M10
70
PB11
I/O FT
-
TIM2_CH4, I2C2_SDA,
USART3_RX, SAI2_SD_A,
EVENTOUT
-
30
48
J3
H7
71
VCAP_1
S
-
-
-
-
31
49
H3
-
-
VSS
S
-
-
-
-
32
50
J2
G7
72
VDD
S
-
-
-
-
33
51
G4 M11
73
PB12
I/O FT
-
TIM1_BKIN, I2C2_SMBA,
SPI2_NSS/I2S2_WS,
SAI1_SCK_B,
USART3_CK, CAN2_RX,
OTG_HS_ULPI_D5,
OTG_HS_ID, EVENTOUT
-
Table 10. STM32F446xx pin and ball descriptions (continued)
Pin Number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More