전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F746VE 데이터시트(PDF) 60 Page - STMicroelectronics

부품명 STM32F746VE
상세설명  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746VE 데이터시트(HTML) 60 Page - STMicroelectronics

Back Button STM32F746VE Datasheet HTML 56Page - STMicroelectronics STM32F746VE Datasheet HTML 57Page - STMicroelectronics STM32F746VE Datasheet HTML 58Page - STMicroelectronics STM32F746VE Datasheet HTML 59Page - STMicroelectronics STM32F746VE Datasheet HTML 60Page - STMicroelectronics STM32F746VE Datasheet HTML 61Page - STMicroelectronics STM32F746VE Datasheet HTML 62Page - STMicroelectronics STM32F746VE Datasheet HTML 63Page - STMicroelectronics STM32F746VE Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 227 page
background image
Pinouts and pin description
STM32F745xx STM32F746xx
60/227
DocID027590 Rev 4
-
-
-
-
-
-
67
P7
PJ2
I/O FT
-
LCD_R3, EVENTOUT
-
-
-
-
-
-
-
68
N8
PJ3
I/O FT
-
LCD_R4, EVENTOUT
-
-
-
-
-
-
-
69
M9
PJ4
I/O FT
-
LCD_R5, EVENTOUT
-
-
-
M7
49
R6
59
70
P8
PF11
I/O FT
-
SPI5_MOSI, SAI2_SD_B,
FMC_SDNRAS,
DCMI_D12, EVENTOUT
-
-
-
N7
50
P6
60
71
M6
PF12
I/O FT
-
FMC_A6, EVENTOUT
-
-
-
-
51M861
72
K7
VSS
S
-
-
-
-
--
-
52
N8
62
73
L8
VDD
S
-
-
-
-
-
-
K6
53
N6
63
74
N6
PF13
I/O FT
-
I2C4_SMBA, FMC_A7,
EVENTOUT
-
-
-
L6
54
R7
64
75
P6
PF14
I/O FT
-
I2C4_SCL, FMC_A8,
EVENTOUT
-
-
-
M6
55
P7
65
76
M8
PF15
I/O FT
-
I2C4_SDA, FMC_A9,
EVENTOUT
-
-
-
N6
56
N7
66
77
N7
PG0
I/O FT
-
FMC_A10, EVENTOUT
-
-
-
K5
57
M7
67
78
M7
PG1
I/O FT
-
FMC_A11, EVENTOUT
-
37
H5
L5
58
R8
68
79
R8
PE7
I/O FT
-
TIM1_ETR, UART7_Rx,
QUADSPI_BK2_IO0,
FMC_D4, EVENTOUT
-
38
J5
M5
59
P8
69
80
N9
PE8
I/O FT
-
TIM1_CH1N, UART7_Tx,
QUADSPI_BK2_IO1,
FMC_D5, EVENTOUT
-
39
K5
N5
60
P9
70
81
P9
PE9
I/O FT
-
TIM1_CH1, UART7_RTS,
QUADSPI_BK2_IO2,
FMC_D6, EVENTOUT
-
-
-
H3
61
M9
71
82
K8
VSS
S
-
-
-
-
-
-
J5
62
N9
72
83
L9
VDD
S
-
-
-
-
40
G6
J4
63
R9
73
84
R9
PE10
I/O FT
-
TIM1_CH2N,
UART7_CTS,
QUADSPI_BK2_IO3,
FMC_D7, EVENTOUT
-
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More