전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F746VE 데이터시트(PDF) 81 Page - STMicroelectronics

부품명 STM32F746VE
상세설명  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746VE 데이터시트(HTML) 81 Page - STMicroelectronics

Back Button STM32F746VE Datasheet HTML 77Page - STMicroelectronics STM32F746VE Datasheet HTML 78Page - STMicroelectronics STM32F746VE Datasheet HTML 79Page - STMicroelectronics STM32F746VE Datasheet HTML 80Page - STMicroelectronics STM32F746VE Datasheet HTML 81Page - STMicroelectronics STM32F746VE Datasheet HTML 82Page - STMicroelectronics STM32F746VE Datasheet HTML 83Page - STMicroelectronics STM32F746VE Datasheet HTML 84Page - STMicroelectronics STM32F746VE Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 227 page
background image
Port D
PD14
-
-
TIM4_C
H3
--
-
-
-
UART8_
CTS
--
-
FMC_D0
-
-
EVEN
TOUT
PD15
-
-
TIM4_C
H4
--
-
-
-
UART8_
RTS
--
-
FMC_D1
-
-
EVEN
TOUT
Port E
PE0
-
-
TIM4_ET
R
LPTIM1_E
TR
--
-
-
UART8_
Rx
-
SAI2_MC
K_A
-
FMC_NB
L0
DCMI_D
2
-
EVEN
TOUT
PE1
-
-
-
LPTIM1_I
N2
--
-
-
UART8_T
x
--
-
FMC_NB
L1
DCMI_D
3
-
EVEN
TOUT
PE2
TRACE
CLK
--
-
-
SPI4_SC
K
SAI1_M
CLK_A
--
QUADSP
I_BK1_IO
2
-
ETH_MII_
TXD3
FMC_A2
3
--
EVEN
TOUT
PE3
TRACE
D0
--
-
-
-
SAI1_SD
_B
---
-
-
FMC_A1
9
--
EVEN
TOUT
PE4
TRACE
D1
--
-
-
SPI4_NS
S
SAI1_FS
_A
---
-
-
FMC_A2
0
DCMI_D
4
LCD_B0
EVEN
TOUT
PE5
TRACE
D2
--
TIM9_CH
1
-
SPI4_MI
SO
SAI1_SC
K_A
---
-
-
FMC_A2
1
DCMI_D
6
LCD_G0
EVEN
TOUT
PE6
TRACE
D3
TIM1_B
KIN2
-
TIM9_CH
2
-
SPI4_M
OSI
SAI1_SD
_A
---
SAI2_MC
K_B
-
FMC_A2
2
DCMI_D
7
LCD_G1
EVEN
TOUT
PE7
-
TIM1_ET
R
--
-
-
-
-
UART7_
Rx
-
QUADSPI
_BK2_IO0
-FMC_D4
-
-
EVEN
TOUT
PE8
-
TIM1_C
H1N
--
-
-
-
-
UART7_T
x
-
QUADSPI
_BK2_IO1
-FMC_D5
-
-
EVEN
TOUT
PE9
-
TIM1_C
H1
--
-
-
-
-
UART7_
RTS
-
QUADSPI
_BK2_IO2
-FMC_D6
-
-
EVEN
TOUT
PE10
-
TIM1_C
H2N
--
-
-
-
-
UART7_
CTS
-
QUADSPI
_BK2_IO3
-FMC_D7
-
-
EVEN
TOUT
PE11
-
TIM1_C
H2
--
-
SPI4_NS
S
-
---
SAI2_SD_
B
-
FMC_D8
-
LCD_G3
EVEN
TOUT
PE12
-
TIM1_C
H3N
--
-
SPI4_SC
K
-
---
SAI2_SC
K_B
-FMC_D9
-
LCD_B4
EVEN
TOUT
PE13
-
TIM1_C
H3
--
-
SPI4_MI
SO
-
---
SAI2_FS_
B
-
FMC_D1
0
-
LCD_DE
EVEN
TOUT
Table 12. STM32F745xx and STM32F746xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/
11/LPTIM
1/CEC
I2C1/2/3/
4/CEC
SPI1/2/3/
4/5/6
SPI3/
SAI1
SPI2/3/U
SART1/2/
3/UART5/
SPDIFRX
SAI2/US
ART6/UA
RT4/5/7/8
/SPDIFR
X
CAN1/2/T
IM12/13/
14/QUAD
SPI/LCD
SAI2/QU
ADSPI/O
TG2_HS/
OTG1_FS
ETH/
OTG1_FS
FMC/SD
MMC1/O
TG2_FS
DCMI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More