전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32469ZI 데이터시트(PDF) 63 Page - STMicroelectronics

부품명 STM32469ZI
상세설명  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32469ZI 데이터시트(HTML) 63 Page - STMicroelectronics

Back Button STM32469ZI Datasheet HTML 59Page - STMicroelectronics STM32469ZI Datasheet HTML 60Page - STMicroelectronics STM32469ZI Datasheet HTML 61Page - STMicroelectronics STM32469ZI Datasheet HTML 62Page - STMicroelectronics STM32469ZI Datasheet HTML 63Page - STMicroelectronics STM32469ZI Datasheet HTML 64Page - STMicroelectronics STM32469ZI Datasheet HTML 65Page - STMicroelectronics STM32469ZI Datasheet HTML 66Page - STMicroelectronics STM32469ZI Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 217 page
background image
DocID028196 Rev 3
63/217
STM32F469xx
Pinouts and pin description
82
-
75
M13 M2
N13
93
112 M10
PD12
I/O
FT
-
TIM4_CH1, USART3_RTS,
QUADSPI_BK1_IO1,
FMC_A17/FMC_ALE,
EVENTOUT
-
-
-
M12
H4
M15
94
113 M11
PD13
I/O
FT
-
TIM4_CH2,
QUADSPI_BK1_IO3,
FMC_A18, EVENTOUT
-
-
76
J10
M1
-
95
114 J10
VSS
S
-
-
-
-
-
77
K10
-
J13
96
115
J11
VDD
S
-
-
-
-
53
78
L12
L3
M14
97
116 L12
PD14
I/O
FT
-
TIM4_CH3, FMC_D0,
EVENTOUT
-
54
79
L13
L2
L14
98
117 K13
PD15
I/O
FT
-
TIM4_CH4, FMC_D1,
EVENTOUT
-
55
80
K13
L1
J12
99
118 H11
VDDDSI
S
-
-
-
-
--
-
-
-
--
H10
VSS
S
-
-
-
-
56
81
K12
K1
K12 100 119 K12
VCAPDSI
S
-
-
-
-
-
-
-
K2
D13
-
-
G13
VDD12DSI
S
-
-
-
-
57
82
J12
K3
M12 101 120 J12
DSIHOST_D0P
I/O
-
-
-
-
58
83
J13
J3
M13 102 121 J13
DSIHOST_D0N
I/O
-
-
-
-
59
84
K11
H1
H12 103 122 G12
VSSDSI
S
-
-
-
-
60
85
H12
J1
L12 104 123 H12
DSIHOST_CKP
I/O
-
-
-
-
61
86
H13
J2
L13 105 124 H13
DSIHOST_CKN
I/O
-
-
-
-
62
87
J11
-
D13 106 125
-
VDD12DSI
S
-
-
-
-
63
88
G12
H3
E12 107 126 F12
DSIHOST_D1P
I/O
-
-
-
-
64
89
G13
H2
E13 108 127 F13
DSIHOST_D1N
I/O
-
-
-
-
-
-
H11
-
H12 109 128
-
VSSDSI
S
-
-
-
-
-
90
F13
G5
L15 110 129 M13
PG2
I/O
FT
-
FMC_A12, EVENTOUT
-
-
91
F12
G4
K15 111 130 M12
PG3
I/O
FT
-
FMC_A13, EVENTOUT
-
-
92
E13
G2
K14 112 131 N12
PG4
I/O
FT
-
FMC_A14/FMC_BA0,
EVENTOUT
-
-
93
E12
G1
K13 113 132 N11
PG5
I/O
FT
-
FMC_A15/FMC_BA1,
EVENTOUT
-
-
94
F11
G3
J15 114 133 J15
PG6
I/O
FT
-
DCMI_D12, LCD_R7,
EVENTOUT
-
-
95
E11
H6
J14 115 134 J14
PG7
I/O
FT
-
SAI1_MCLK_A,
USART6_CK, FMC_INT,
DCMI_D13, LCD_CLK,
EVENTOUT
-
Table 10. STM32F469xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More