전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32469ZI 데이터시트(PDF) 78 Page - STMicroelectronics

부품명 STM32469ZI
상세설명  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32469ZI 데이터시트(HTML) 78 Page - STMicroelectronics

Back Button STM32469ZI Datasheet HTML 74Page - STMicroelectronics STM32469ZI Datasheet HTML 75Page - STMicroelectronics STM32469ZI Datasheet HTML 76Page - STMicroelectronics STM32469ZI Datasheet HTML 77Page - STMicroelectronics STM32469ZI Datasheet HTML 78Page - STMicroelectronics STM32469ZI Datasheet HTML 79Page - STMicroelectronics STM32469ZI Datasheet HTML 80Page - STMicroelectronics STM32469ZI Datasheet HTML 81Page - STMicroelectronics STM32469ZI Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 217 page
background image
Port F
PF0
-
-
-
-
I2C2_SDA
-
-
-
-
-
-
-
FMC_A0
-
-
EVENT
OUT
PF1
-
-
-
-
I2C2_SCL
-
-
-
-
-
-
-
FMC_A1
-
-
EVENT
OUT
PF2
-
-
-
-
I2C2_SMBA
-
-
-
-
-
-
-
FMC_A2
-
-
EVENT
OUT
PF3
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A3
-
-
EVENT
OUT
PF4
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A4
-
-
EVENT
OUT
PF5
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A5
-
-
EVENT
OUT
PF6
-
-
-
TIM10_CH
1
-SPI5_NSS
SAI1_
SD_B
-
UART7_
Rx
QUADSPI_
BK1_IO3
--
-
-
-
EVENT
OUT
PF7
-
-
-
TIM11_CH
1
-
SPI5_SCK
SAI1_
MCLK_B
-
UART7_
Tx
QUADSPI_
BK1_IO2
--
-
-
-
EVENT
OUT
PF8
-
-
-
-
-
SPI5_MISO
SAI1_
SCK_B
-
-
TIM13_CH1
QUADSPI
_BK1_IO0
--
-
-
EVENT
OUT
PF9
-
-
-
-
-
SPI5_MOSI
SAI1_
FS_B
-
-
TIM14_CH1
QUADSPI
_BK1_IO1
--
-
-
EVENT
OUT
PF10
-
-
-
-
-
-
-
-
-
QUADSPI_
CLK
-
-
DCMI_D11
LCD_DE
EVENT
OUT
PF11
-
-
-
-
-
SPI5_MOSI
-
-
-
-
-
-
FMC_SDN
RAS
DCMI_D12
-
EVENT
OUT
PF12
-
-
-
-
-
-
--
-
-
-
-
FMC_A6
--
EVENT
OUT
PF13
-
-
-
-
-
-
--
-
-
-
-
FMC_A7
--
EVENT
OUT
PF14
-
-
-
-
-
-
--
-
-
-
-
FMC_A8
--
EVENT
OUT
PF15
-
-
-
-
-
-
--
-
-
-
-
FMC_A9
--
EVENT
‘OUT
Table 12. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/
5
TIM8/9/
10/11
I2C1/2/3
SPI1/2/3
/4/5/6
SPI2/3/
SAI1
SPI2/3/
USART
1/2/3
USAR
T6/
UART
4/5/7/
8
CAN1/2/
TIM12/
13/14/
QUAD
SPI/LCD
QUAD
SPI/OT
G2_HS
/OTG1
_FS
ETH
FMC/
SDIO/
OTG2_
FS
DCMI/
DSI
HOST
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More