| 전자부품 데이터시트 검색엔진 |
|
STM32F756VG 데이터시트(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F756VG 데이터시트(HTML) 82 Page - STMicroelectronics |
|
82 / 228 page ![]() Port D PD14 - - TIM4_C H3 -- - - - UART8_ CTS -- - FMC_D0 - - EVEN TOUT PD15 - - TIM4_C H4 -- - - - UART8_ RTS -- - FMC_D1 - - EVEN TOUT Port E PE0 - - TIM4_ET R LPTIM1_E TR -- - - UART8_ Rx - SAI2_MC K_A - FMC_NB L0 DCMI_D 2 - EVEN TOUT PE1 - - - LPTIM1_I N2 -- - - UART8_T x -- - FMC_NB L1 DCMI_D 3 - EVEN TOUT PE2 TRACE CLK -- - - SPI4_SC K SAI1_M CLK_A -- QUADSP I_BK1_IO 2 - ETH_MII_ TXD3 FMC_A2 3 -- EVEN TOUT PE3 TRACE D0 -- - - - SAI1_SD _B --- - - FMC_A1 9 -- EVEN TOUT PE4 TRACE D1 -- - - SPI4_NS S SAI1_FS _A --- - - FMC_A2 0 DCMI_D 4 LCD_B0 EVEN TOUT PE5 TRACE D2 -- TIM9_CH 1 - SPI4_MI SO SAI1_SC K_A --- - - FMC_A2 1 DCMI_D 6 LCD_G0 EVEN TOUT PE6 TRACE D3 TIM1_B KIN2 - TIM9_CH 2 - SPI4_M OSI SAI1_SD _A --- SAI2_MC K_B - FMC_A2 2 DCMI_D 7 LCD_G1 EVEN TOUT PE7 - TIM1_ET R -- - - - - UART7_ Rx - QUADSPI _BK2_IO0 -FMC_D4 - - EVEN TOUT PE8 - TIM1_C H1N -- - - - - UART7_T x - QUADSPI _BK2_IO1 -FMC_D5 - - EVEN TOUT PE9 - TIM1_C H1 -- - - - - UART7_ RTS - QUADSPI _BK2_IO2 -FMC_D6 - - EVEN TOUT PE10 - TIM1_C H2N -- - - - - UART7_ CTS - QUADSPI _BK2_IO3 -FMC_D7 - - EVEN TOUT PE11 - TIM1_C H2 -- - SPI4_NS S - --- SAI2_SD_ B - FMC_D8 - LCD_G3 EVEN TOUT PE12 - TIM1_C H3N -- - SPI4_SC K - --- SAI2_SC K_B -FMC_D9 - LCD_B4 EVEN TOUT PE13 - TIM1_C H3 -- - SPI4_MI SO - --- SAI2_FS_ B - FMC_D1 0 - LCD_DE EVEN TOUT Table 12. STM32F756xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/CEC I2C1/2/3/ 4/CEC SPI1/2/3/ 4/5/6 SPI3/ SAI1 SPI2/3/U SART1/2/ 3/UART5/ SPDIFRX SAI2/US ART6/UA RT4/5/7/8 /SPDIFR X CAN1/2/T IM12/13/ 14/QUAD SPI/LCD SAI2/QU ADSPI/O TG2_HS/ OTG1_FS ETH/ OTG1_FS FMC/SD MMC1/O TG2_FS DCMI LCD SYS |