| 전자부품 데이터시트 검색엔진 |
|
STM32L072RB 데이터시트(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072RB 데이터시트(HTML) 45 Page - STMicroelectronics |
|
45 / 147 page ![]() DocID027100 Rev 3 45/147 STM32L072xx Pin descriptions 56 - - - - - - 20 K1 VREF- S - - - - - - - G1 E6 21 L1 VREF+ S - - - 5 5 9 13 H1 F7 22 M1 VDDA S - - - 6 6 10 14 G2 E5 23 L2 PA0 I/O TTa - TIM2_CH1, TSC_G1_IO1, USART2_CTS, TIM2_ETR, USART4_TX, COMP1_OUT COMP1_INM, ADC_IN0, RTC_TAMP2/WKUP1 7 7 11 15 H2 E4 24 M2 PA1 I/O FT - EVENTOUT, TIM2_CH2, TSC_G1_IO2, USART2_RTS, TIM21_ETR, USART4_RX COMP1_INP, ADC_IN1 8 8 12 16 F3 F6 25 K3 PA2 I/O FT - TIM21_CH1, TIM2_CH3, TSC_G1_IO3, USART2_TX, LPUART1_TX, COMP2_OUT COMP2_INM, ADC_IN2 9 9 13 17 G3 G7 26 L3 PA3 I/O FT - TIM21_CH2, TIM2_CH4, TSC_G1_IO4, USART2_RX, LPUART1_RX COMP2_INP, ADC_IN3 - - - 18 C2 - 27 D3 VSS S - - - - -- - 19 D2 - 28 H3 VDD S - - - - 10 10 14 20 H3 F5 29 M3 PA4 I/O TC (2) SPI1_NSS, TSC_G2_IO1, USART2_CK, TIM22_ETR COMP1_INM, COMP2_INM, ADC_IN4, DAC_OUT1 11 11 15 21 F4 G6 30 K4 PA5 I/O TC - SPI1_SCK, TIM2_ETR, TSC_G2_IO2, TIM2_CH1 COMP1_INM, COMP2_INM, ADC_IN5, DAC_OUT2 Table 16. STM32L072xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |