| 전자부품 데이터시트 검색엔진 |
|
STM32L072RB 데이터시트(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072RB 데이터시트(HTML) 47 Page - STMicroelectronics |
|
47 / 147 page ![]() DocID027100 Rev 3 47/147 STM32L072xx Pin descriptions 56 - - - - - - 46 M12 PE15 I/O FT - SPI1_MOSI - - - 21 29 G7 G3 47 L10 PB10 I/O FT - TIM2_CH3, TSC_SYNC, LPUART1_TX, SPI2_SCK, I2C2_SCL, LPUART1_RX - - - 22 30 H7 F3 48 L11 PB11 I/O FT - EVENTOUT, TIM2_CH4, TSC_G6_IO1, LPUART1_RX, I2C2_SDA, LPUART1_TX - 16 16 23 31 D6 D4 49 F12 VSS S - - - 17 17 24 32 E5 G2 50 G12 VDD S - - - - - 25 33 H8 G1 51 L12 PB12 I/O FT - SPI2_NSS/I2S2_WS, LPUART1_RTS_DE, TSC_G6_IO2, I2C2_SMBA, EVENTOUT - - - 26 34 G8 F2 52 K12 PB13 I/O FTf - SPI2_SCK/I2S2_CK, MCO, TSC_G6_IO3, LPUART1_CTS, I2C2_SCL, TIM21_CH1 - - - 27 35 F8 F1 53 K11 PB14 I/O FTf SPI2_MISO/I2S2_MCK, RTC_OUT, TSC_G6_IO4, LPUART1_RTS_DE, I2C2_SDA, TIM21_CH2 - - - 28 36 F7 E1 54 K10 PB15 I/O FT - SPI2_MOSI/I2S2_SD, RTC_REFIN - - - - - - - 55 K9 PD8 I/O FT - LPUART1_TX - - - - - - - 56 K8 PD9 I/O FT - LPUART1_RX - - - - --- 57 J12 PD10 I/O FT - - - - - - - - - 58 J11 PD11 I/O FT - LPUART1_CTS - - - - - - - 59 J10 PD12 I/O FT - LPUART1_RTS_DE - Table 16. STM32L072xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |