전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB2244II-AEZG 데이터시트(PDF) 23 Page - Microchip Technology

부품명 USB2244II-AEZG
상세설명  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2244II-AEZG 데이터시트(HTML) 23 Page - Microchip Technology

Back Button USB2244II-AEZG Datasheet HTML 19Page - Microchip Technology USB2244II-AEZG Datasheet HTML 20Page - Microchip Technology USB2244II-AEZG Datasheet HTML 21Page - Microchip Technology USB2244II-AEZG Datasheet HTML 22Page - Microchip Technology USB2244II-AEZG Datasheet HTML 23Page - Microchip Technology USB2244II-AEZG Datasheet HTML 24Page - Microchip Technology USB2244II-AEZG Datasheet HTML 25Page - Microchip Technology USB2244II-AEZG Datasheet HTML 26Page - Microchip Technology USB2244II-AEZG Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 23
USB224X
7.2.3.19
9Ch-9Fh: Attribute Byte Descriptions
7.2.4
A0H-A7H: DEVICE POWER CONFIGURATION
The USB224x has one internal FET which can be utilized for card power. This section describes the default internal
configuration. The settings are stored in NVSTORE and provide the following features:
1.
A card can be powered by an external FET or by an internal FET.
2.
The power limit can be set to 100 mA or 200 mA (Default) for the internal FET.
Each media uses two bytes to store its device power configuration. Bit 3 selects between internal or external card power
FET options. For internal FET card power control, bits 0 through 2 are used to set the power limit. The “Device Power
Configuration” bits are ignored unless the “Enable Device Power Configuration” bit is set. See Section 7.2.3.19, "9Ch-
9Fh: Attribute Byte Descriptions," on page 23.
Byte
Byte Name
Bit
Description
0
ATT_LB
3:0
Always reads ‘0’.
4
Inquire Manufacturer and Product ID Strings
‘1’ - Use the Inquiry Manufacturer and Product ID Strings.
‘0’ (default) - Use the USB Descriptor Manufacturer and Product ID Strings.
5
Always reads ‘0’.
6
Reverse SD Card Write Protect Sense
‘1’ (default) - SD cards will be write protected when SW_nWP is high, and
writable when SW_nWP is low.
‘0’ - SD cards will be write protected when SW_nWP is low, and writable
when SW_nWP is high.
7
Reserved.
1
ATT_HLB
3:0
Always reads ‘0’.
4
Activity LED True Polarity
‘1’ - Activity LED to Low True.
‘0’ (default) - Activity LED polarity to High True.
5
Common Media Insert / Media Activity LED
‘1’ - The activity LED will function as a common media inserted/media
access LED.
‘0’ (default) - The activity LED will remain in its idle state until media is
accessed.
6
Always reads ‘0’.
7
Reserved.
2
ATT_LHB
0
Attach on Card Insert / Detach on Card Removal
‘1’ - Attach on Insert is enabled.
‘0’ (default) - Attach on Insert is disabled.
1
Always reads ‘0’.
2
Enable Device Power Configuration
‘1’ - Custom Device Power Configuration stored in the NVSTORE is used.
‘0’ (default) - Default Device Power Configuration is used.
7:3
Always reads ‘0’.
3
ATT_HB
6:0
Always reads ‘0’.
7
xD Player Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com