전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB2244II-AEZG 데이터시트(PDF) 7 Page - Microchip Technology

부품명 USB2244II-AEZG
상세설명  Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2244II-AEZG 데이터시트(HTML) 7 Page - Microchip Technology

Back Button USB2244II-AEZG Datasheet HTML 3Page - Microchip Technology USB2244II-AEZG Datasheet HTML 4Page - Microchip Technology USB2244II-AEZG Datasheet HTML 5Page - Microchip Technology USB2244II-AEZG Datasheet HTML 6Page - Microchip Technology USB2244II-AEZG Datasheet HTML 7Page - Microchip Technology USB2244II-AEZG Datasheet HTML 8Page - Microchip Technology USB2244II-AEZG Datasheet HTML 9Page - Microchip Technology USB2244II-AEZG Datasheet HTML 10Page - Microchip Technology USB2244II-AEZG Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 7
USB224X
4.0
PIN CONFIGURATIONS
FIGURE 4-1:
USB2240/USB2240I 36-PIN QFN DIAGRAM
Ground Pad
(must be connected to VSS)
USB2240/2240I
(Top View QFN-36)
Indicates pins on the bottom of the device.
18
17
16
15
14
13
12
11
10
28
29
31
32
33
36
35
34
30
TEST
NC
xD_D4 / (SD_WP) / MS_SCLK
TXD / SCK / MS_SKT_SEL
XTAL2
XTAL1 (CLKIN)
VDD18PLL
RBIAS
VDDA33
xD_ALE / SD_D5 / MS_D1
VDD18
xD_nWE
xD_CLE / SD_CMD / MS_D0
xD_nCE
xD_nRE
xD_nB/R
RESET_N
VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43