| 전자부품 데이터시트 검색엔진 |
|
T89C51RC2-RLSIM 데이터시트(PDF) 8 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51RC2-RLSIM 데이터시트(HTML) 8 Page - ATMEL Corporation |
|
8 / 9 page ![]() Rev. B - 30-Mar-01 8 Preliminary T89C51RB2/RC2 6. Ordering Information Packages: 3C: PDIL40 SL: PLCC44 RL: VQFP44 (1.4mm) T -M: VCC: 5V 40 MHz, X1 mode 20 MHz, X2 mode -L: VCC: 3 V 40 MHz, X1 mode 20 MHz, X2 mode S Temperature Range C:Commercial 0 to 70oC I:Industrial -40 to 85oC -3C Conditioning S: Stick T: Tray B: Blue Tape W: Wafer M 89C51Rx2 C 89C51RC2 ( 32k Flash ) 89C51RB2 ( 16k Flash ) |