| 전자부품 데이터시트 검색엔진 |
|
T89C51RC2-RLSIM 데이터시트(PDF) 4 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T89C51RC2-RLSIM 데이터시트(HTML) 4 Page - ATMEL Corporation |
|
4 / 9 page ![]() 4 Rev. B - 30-Mar-01 Preliminary T89C51RB2/RC2 Table 2. Sfr mapping Table below shows all SFRs with their address and their reset value. Bit addressable Non Bit addressable 0/8 1/9 2/A 3/B 4/C 5/D 6/E 7/F F8h CH 0000 0000 CCAP0H XXXX XXXX CCAP1H XXXX XXXX CCAPL2H XXXX XXXX CCAPL3H XXXX XXXX CCAPL4H XXXX XXXX FFh F0h B 0000 0000 F7h E8h CL 0000 0000 CCAP0L XXXX XXXX CCAP1L XXXX XXXX CCAPL2L XXXX XXXX CCAPL3L XXXX XXXX CCAPL4L XXXX XXXX EFh E0h ACC 0000 0000 E7h D8h CCON 00X0 0000 CMOD 00XX X000 CCAPM0 X000 0000 CCAPM1 X000 0000 CCAPM2 X000 0000 CCAPM3 X000 0000 CCAPM4 X000 0000 DFh D0h PSW 0000 0000 FCON (1) XXXX 0000 D7h C8h T2CON 0000 0000 T2MOD XXXX XX00 RCAP2L 0000 0000 RCAP2H 0000 0000 TL2 0000 0000 TH2 0000 0000 CFh C0h SPCON 0001 0100 SPSTA 0000 0000 SPDAT XXXX XXXX C7h B8h IPL0 X000 000 SADEN 0000 0000 BFh B0h P3 1111 1111 IE1 XXXX X000 IPL1 XXXX X000 IPH1 XXXX X111 IPH0 X000 0000 B7h A8h IE0 0000 0000 SADDR 0000 0000 CKCON1 XXXX XXX0 AFh A0h P2 1111 1111 AUXR1 XXXX X0X0 WDTRST XXXX XXXX WDTPRG XXXX X000 A7h 98h SCON 0000 0000 SBUF XXXX XXXX BRL 0000 0000 BDRCON XXX0 0000 KBLS 0000 0000 KBE 0000 0000 KBF 0000 0000 9Fh 90h P1 1111 1111 CKRL 1111 1111 97h 88h TCON 0000 0000 TMOD 0000 0000 TL0 0000 0000 TL1 0000 0000 TH0 0000 0000 TH1 0000 0000 AUXR XX0X 0000 CKCON0 0000 0000 8Fh 80h P0 1111 1111 SP 0000 0111 DPL 0000 0000 DPH 0000 0000 PCON 00X1 0000 87h 0/8 1/9 2/A 3/B 4/C 5/D 6/E 7/F reserved (1) FCON access is reserved for the FLASH API and ISP software. |