전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC486 데이터시트(PDF) 4 Page - Micross Components

부품명 HMC486
상세설명  Point-to-Multi-Point Radios
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components

HMC486 데이터시트(HTML) 4 Page - Micross Components

  HMC486 Datasheet HTML 1Page - Micross Components HMC486 Datasheet HTML 2Page - Micross Components HMC486 Datasheet HTML 3Page - Micross Components HMC486 Datasheet HTML 4Page - Micross Components HMC486 Datasheet HTML 5Page - Micross Components HMC486 Datasheet HTML 6Page - Micross Components HMC486 Datasheet HTML 7Page - Micross Components HMC486 Datasheet HTML 8Page - Micross Components HMC486 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3
3 - 42
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC486
v03.0109
General Description
Features
Functional Diagram
The HMC486 is a high dynamic range GaAs PHEMT
MMIC 2 Watt Power Amplifier which operates from 7
to 9 GHz. This amplifier die provides 26 dB of gain,
+34 dBm of saturated power and 24% PAE from a +7V
supply voltage. Output IP3 is +40 dBm typical. The
RF I/Os are DC blocked and matched to 50 Ohms for
ease of integration into Multi-Chip-Modules (MCMs).
All data is taken with the chip in a 50 ohm test fixture
connected via 0.025mm (1 mil) diameter wire bonds of
minimal length 0.31mm (12 mils).
Saturated Output Power: +34 dBm @ 24% PAE
Output IP3: +40 dBm
Gain: 26 dB
DC Supply: +7 V @ 1300 mA
50 Ohm Matched Input/Output
Die Size: 2.51 x 2.51 x 0.1 mm
Electrical Specifications, T
A = +25° C, Vdd = +7V, Idd = 1300 mA*
Typical Applications
The HMC486 is ideal for use as a power amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• Test Equipment & Sensors
• Military End-Use
• Space
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
7 - 8
8 - 9
GHz
Gain
22
25
23
26
dB
Gain Variation Over Temperature
0.04
0.06
0.04
0.06
dB/ °C
Input Return Loss
11
12
dB
Output Return Loss
8
6
dB
Output Power for 1 dB
Compression (P1dB)
30
33
30.5
33.5
dBm
Saturated Output Power (Psat)
33.5
34
dBm
Output Third Order Intercept (IP3)
40
38
dBm
Noise Figure
6.5
7
dB
Supply Current (Idd)
1300
1300
mA
* Adjust Vgg between -2 to 0V to achieve Idd= 1300 mA typical.
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 7 - 9 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com