전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC486 데이터시트(PDF) 7 Page - Micross Components

부품명 HMC486
상세설명  Point-to-Multi-Point Radios
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components

HMC486 데이터시트(HTML) 7 Page - Micross Components

Back Button HMC486 Datasheet HTML 3Page - Micross Components HMC486 Datasheet HTML 4Page - Micross Components HMC486 Datasheet HTML 5Page - Micross Components HMC486 Datasheet HTML 6Page - Micross Components HMC486 Datasheet HTML 7Page - Micross Components HMC486 Datasheet HTML 8Page - Micross Components HMC486 Datasheet HTML 9Page - Micross Components HMC486 Datasheet HTML 10Page - Micross Components HMC486 Datasheet HTML 11Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
3
3 - 45
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+8 Vdc
Gate Bias Voltage (Vgg)
-2 to 0 Vdc
RF Input Power (RFIN)(Vdd = +7 Vdc)
+15 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 105 mW/°C above 85 °C)
9.45 W
Thermal Resistance
(channel to die bottom)
9.5 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Vdd (V)
Idd (mA)
+6.5
1305
+7.0
1300
+7.5
1295
Typical Supply Current vs. Vdd
Note: Amplifier will operate over full voltage ranges shown
above Vgg adjusted to achieve Idd = 1300 mA at +7.0V
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Power Dissipation
7
7.5
8
8.5
9
9.5
10
10.5
-10
-6
-2
2
6
10
14
18
INPUT POWER (dBm)
8 GHz
Max Pdiss @ +85C
HMC486
v03.0109
GaAs PHEMT MMIC 2 WATT
POWER AMPLIFIER, 7 - 9 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com