전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC490 데이터시트(PDF) 4 Page - Micross Components

부품명 HMC490
상세설명  Point-to-Multi-Point Radios
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components

HMC490 데이터시트(HTML) 4 Page - Micross Components

  HMC490 Datasheet HTML 1Page - Micross Components HMC490 Datasheet HTML 2Page - Micross Components HMC490 Datasheet HTML 3Page - Micross Components HMC490 Datasheet HTML 4Page - Micross Components HMC490 Datasheet HTML 5Page - Micross Components HMC490 Datasheet HTML 6Page - Micross Components HMC490 Datasheet HTML 7Page - Micross Components HMC490 Datasheet HTML 8Page - Micross Components HMC490 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC490
v03.0213
GaAs pHEMT MMIC LOW NOISE
HIGH IP3 AMPLIFIER, 12 - 17 GHz
General Description
Features
Functional Diagram
The HMC490 is a high dynamic range GaAs
PHEMT MMIC Low Noise Amplifier which operates
between 12 and 17 GHz. The HMC490 provides
27 dB of gain, 2 dB noise figure and an output IP3
of 35 dBm from a +5V supply voltage. The amplifier
chip can easily be integrated into Multi-Chip-Modules
(MCMs) due to its small size. All data is tested with
the chip in a 50 Ohm test fixture connected via
0.025mm (1 mil) diameter wire bonds of minimal length
0.31mm (12 mils).
Noise Figure: 2 dB
Output P1dB: +26 dBm
Gain: 27 dB
Output IP3: +35 dBm
Supply Voltage: +5V
50 Ohm Matched Input/Output
Die Size: 2.78 x 1.46 x 0.1 mm
Electrical Specifications, T
A = +25° C, Vdd = 5V, Idd = 200 mA*
Typical Applications
The HMC490 is ideal for use as either a LNA or driver
amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• VSAT
• Military & Space
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
12 - 14
14 - 17
GHz
Gain
24
26.5
24
27
dB
Gain Variation Over Temperature
0.03
0.04
0.03
0.04
dB/ °C
Noise Figure
2.5
2.0
dB
Input Return Loss
8
12
dB
Output Return Loss
8
9
dB
Output Power for 1 dB Compression (P1dB)
22
25
23
26
dBm
Saturated Output Power (Psat)
27
28
dBm
Output Third Order Intercept (IP3)
32
35
dBm
Supply Current (Idd)(Vdd = 5V, Vgg = -0.8V Typ.)
200
250
200
250
mA
* Adjust Vgg between -2.0 to 0V to achieve Idd = 200 mA typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com