전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UCS1001 데이터시트(PDF) 52 Page - Microchip Technology

부품명 UCS1001
상세설명  USB Port Power Controller with Charger Emulation
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001 데이터시트(HTML) 52 Page - Microchip Technology

Back Button UCS1001 Datasheet HTML 48Page - Microchip Technology UCS1001 Datasheet HTML 49Page - Microchip Technology UCS1001 Datasheet HTML 50Page - Microchip Technology UCS1001 Datasheet HTML 51Page - Microchip Technology UCS1001 Datasheet HTML 52Page - Microchip Technology UCS1001 Datasheet HTML 53Page - Microchip Technology UCS1001 Datasheet HTML 54Page - Microchip Technology UCS1001 Datasheet HTML 55Page - Microchip Technology UCS1001 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.2 (05-21-12)
52
SMSC UCS1001
DATASHEET
9.1
Package Markings
The package is marked as shown in Figure 9.5.
Figure 9.5 UCS1001 Package Markings
BOTTOM
BOTTOM MARKING NOT ALLOWED
LINE: 1 – SMSC Logo without circled (R) symbol
LINE: 2 – Device ID, Version
LINE: 3 – Last 7 digits of Lot Number
LINE: 4 – Revision and Country Code (RCC)
LINES 1 to 3: CENTER HORIZONTAL ALIGNMENT
LINE 4: LEFT HORIZONTAL ALIGNMENT
PB-FREE/GREEN SYMBOL
(Matte Sn)
0.41
3x 0.56
TOP
e3
PIN 1
10 01
CC
R
1 2 3 456a
- V
U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59