전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN9115 데이터시트(PDF) 36 Page - Microchip Technology

부품명 LAN9115
상세설명  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 데이터시트(HTML) 36 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 32Page - Microchip Technology LAN9115 Datasheet HTML 33Page - Microchip Technology LAN9115 Datasheet HTML 34Page - Microchip Technology LAN9115 Datasheet HTML 35Page - Microchip Technology LAN9115 Datasheet HTML 36Page - Microchip Technology LAN9115 Datasheet HTML 37Page - Microchip Technology LAN9115 Datasheet HTML 38Page - Microchip Technology LAN9115 Datasheet HTML 39Page - Microchip Technology LAN9115 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 114 page
background image
LAN9115
DS00002269A-page 36
 2005-2016 Microchip Technology Inc.
FIGURE 3-12:
MII SWITCHING PROCEDURE
TX Stopped?
Halt Transmitter
Halt Receiver
RX Stopped?
Set
PHY_CLK_SEL
to 10b
Clocks Halted?
Set
EXT_PHY_SEL to
Desired MII Port
Set
PHY_CLK_SEL to
Desired MII Port
Enable RX
Enable TX
1
2
3
4
5
6
8
9
11
12
Complete
YES
NO
YES
NO
YES
NO
Using SMI, Set
Internal PHY and
External PHY to a
Stable State
7
13
10
Clocks
Running
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More