전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN9115 데이터시트(PDF) 43 Page - Microchip Technology

부품명 LAN9115
상세설명  Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9115 데이터시트(HTML) 43 Page - Microchip Technology

Back Button LAN9115 Datasheet HTML 39Page - Microchip Technology LAN9115 Datasheet HTML 40Page - Microchip Technology LAN9115 Datasheet HTML 41Page - Microchip Technology LAN9115 Datasheet HTML 42Page - Microchip Technology LAN9115 Datasheet HTML 43Page - Microchip Technology LAN9115 Datasheet HTML 44Page - Microchip Technology LAN9115 Datasheet HTML 45Page - Microchip Technology LAN9115 Datasheet HTML 46Page - Microchip Technology LAN9115 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 114 page
background image
 2005-2016 Microchip Technology Inc.
DS00002269A-page 43
LAN9115
3.13.6
TRANSMIT EXAMPLES
3.13.6.1
TX Example 1
In this example a single, 111-Byte Ethernet packet will be transmitted. This packet is divided into three buffers. The three
buffers are as follows:
Buffer 0:
• 7-Byte “Data Start Offset”
• 79-Bytes of payload data
• 16-Byte “Buffer End Alignment”
Buffer 1:
• 0-Byte “Data Start Offset”
• 15-Bytes of payload data
• 16-Byte “Buffer End Alignment”
Buffer 2:
• 10-Byte “Data Start Offset”
• 17-Bytes of payload data
• 16-Byte “Buffer End Alignment”
Figure 3-15, "TX Example 1" illustrates the TX command structure for this example, and also shows how data is passed
to the TX data FIFO.
Note 3-16
The LAN9115 host bus interface supports 16-bit bus transfers; internally, all data paths are 32-bits
wide. Figure 3-15 and Figure 3-16 describe the host write ordering for pairs of atomic 16-bit
transactions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More