| 전자부품 데이터시트 검색엔진 |
|
STM32F413CG 데이터시트(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F413CG 데이터시트(HTML) 53 Page - STMicroelectronics |
|
53 / 207 page ![]() DocID029162 Rev 2 53/207 STM32F413xG/H Pinouts and pin description 72 -- F6 - E3 H5 - BYPASS_ REG IFT - - - -19 J8 28 - F4 39 VDD S - - - - 14 20 E5 29 M3 J3 40 PA4 I/O TTa - SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, USART2_CK, DFSDM1_DATIN1, FSMC_D6, EVENTOUT ADC1_IN4, DAC_OUT1 15 21 G6 30 K4 K3 41 PA5 I/O TTa - TIM2_CH1/TIM2_ETR, TIM8_CH1N, SPI1_SCK/I2S1_CK, DFSDM1_CKIN1, FSMC_D7, EVENTOUT ADC1_IN5, DAC_OUT2 16 22 F5 31 L4 L3 42 PA6 I/O FT - TIM1_BKIN, TIM3_CH1, TIM8_BKIN, SPI1_MISO, I2S2_MCK, DFSDM2_CKIN1, TIM13_CH1, QUADSPI_BK2_IO0, SDIO_CMD, EVENTOUT ADC1_IN6 17 23 J7 32 M4 M3 43 PA7 I/O FT - TIM1_CH1N, TIM3_CH2, TIM8_CH1N, SPI1_MOSI/I2S1_SD, DFSDM2_DATIN1, TIM14_CH1, QUADSPI_BK2_IO1, EVENTOUT ADC1_IN7 -24 H633 K5 J4 44 PC4 I/O FT - DFSDM2_CKIN2, I2S1_MCK, QUADSPI_BK2_IO2, FSMC_NE4, EVENTOUT ADC1_IN14 -25 J6 34 L5 K4 45 PC5 I/O FT - DFSDM2_DATIN2, I2CFMP1_SMBA, USART3_RX, QUADSPI_BK2_IO3, FSMC_NOE, EVENTOUT ADC1_IN15 18 26 E4 35 M5 L4 46 PB0 I/O FT - TIM1_CH2N, TIM3_CH3, TIM8_CH2N, SPI5_SCK/I2S5_CK, EVENTOUT ADC1_IN8 Table 10. STM32F413xG/H pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |